Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9201B Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT9201B
Description  Simple Tone Dialer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9201B Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT9201B Datasheet HTML 1Page - Holtek Semiconductor Inc HT9201B Datasheet HTML 2Page - Holtek Semiconductor Inc HT9201B Datasheet HTML 3Page - Holtek Semiconductor Inc HT9201B Datasheet HTML 4Page - Holtek Semiconductor Inc HT9201B Datasheet HTML 5Page - Holtek Semiconductor Inc HT9201B Datasheet HTML 6Page - Holtek Semiconductor Inc HT9201B Datasheet HTML 7Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Keyboard Information
Block Diagram
Pin Description
Pin Name
I/O
Internal
Connection
Description
C1~C4
R1~R4
I/O
CMOS
IN/OUT
These pins form a 4
×4 keyboard matrix which can perform
keyboard input detection and dialing specification setting
functions. When the chip is in the standby mode the column
group (C1~C4) remains low whereas the row group (R1~R4) is
set high for key input detection.
An inexpensive single contact 4
×4 keyboard can be used as an
input device. Pressing a key connects a single column to a
single row, and actuates the system oscillator which result in
a dialing signal output. If more than two keys are pressed at a
time, no response occurs. The key-in debounce time is 20ms.
Refer to the keyboard information for keyboard arrangement.
HT9201A/B
2
3rd Dec ’97



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com