Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS8856-36CD Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # FS8856-36CD
Description  550mA LDO Linear Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FS8856-36CD Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button FS8856-36CD Datasheet HTML 3Page - List of Unclassifed Manufacturers FS8856-36CD Datasheet HTML 4Page - List of Unclassifed Manufacturers FS8856-36CD Datasheet HTML 5Page - List of Unclassifed Manufacturers FS8856-36CD Datasheet HTML 6Page - List of Unclassifed Manufacturers FS8856-36CD Datasheet HTML 7Page - List of Unclassifed Manufacturers FS8856-36CD Datasheet HTML 8Page - List of Unclassifed Manufacturers FS8856-36CD Datasheet HTML 9Page - List of Unclassifed Manufacturers FS8856-36CD Datasheet HTML 10Page - List of Unclassifed Manufacturers FS8856-36CD Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
FS8856
550mA LDO Linear Regulator
Fortune Semiconductor Co.
TEL : +886-2-2809-4742
7/13
TD-0405008
Rev. 1.3
http://www.fsc.com.tw
FAX: +886-2-2809-4874
OUTPUT VOLTAGE vs. AMBIENT
TEMPERATURE
3.26
3.28
3.3
3.32
3.34
3.36
-40
-30
-20
-10
0
102030
4050
607080
AMBIENT TEMPERATURE (℃)
LINE TRANSIENT (IOUT=0mA)
GROUND PIN CURRENT vs. INPUT VOLTAGE
0
10
20
30
40
50
60
70
80
012
3456
7
INPUT VOLTAGE (V)
LINE TRANSIENT (IOUT=10mA)
LINE TRANSIENT (IOUT=250mA)
LINE TRANSIENT (IOUT=550mA)
LOAD TRANSIENT
5.0V
4.0V
CIN
1µF
COUT
3.3µF
50mV/div
VIN
VOUT
5.0V
4.0V
CIN
1µF
COUT
3.3µF
50mV/div
VIN
VOUT
VIN
VOUT
VIN
VOUT
5.0V
4.0V
CIN
1µF
COUT
3.3µF
50mV/div
5.0V
4.0V
CIN
1µF
COUT
3.3µF
50mV/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com