Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1796CS8 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1796CS8
Description  Overvoltage Fault Protected CAN Transceiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1796CS8 Datasheet(HTML) 1 Page - Linear Technology

  LT1796CS8 Datasheet HTML 1Page - Linear Technology LT1796CS8 Datasheet HTML 2Page - Linear Technology LT1796CS8 Datasheet HTML 3Page - Linear Technology LT1796CS8 Datasheet HTML 4Page - Linear Technology LT1796CS8 Datasheet HTML 5Page - Linear Technology LT1796CS8 Datasheet HTML 6Page - Linear Technology LT1796CS8 Datasheet HTML 7Page - Linear Technology LT1796CS8 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
LT1796
1796f
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
Overvoltage Fault Protected
CAN Transceiver
s
Protected from Overvoltage Line Faults to
±60V
s
ESD Protection to IEC-1000-4-2 Level 4
±15kV Air Gap Test
±8kV Contact Mode Test
s
ISO 11898 Compatible
s
High Input Impedance Supports Up to 256 Nodes
s
Controlled Slew Rates for EMI Emissions Control
s
High Impedance Outputs When Off or
Powered Down
s
Short-Circuit Protection On All Outputs
s
Thermal Shutdown Protection
s
Pin Compatible with Philips PCA82C251
s
Industrial Control Data Networks
s
Automotive Systems
s
HVAC Controls
, LTC and LT are registered trademarks of Linear Technology Corporation.
The LT
®1796 CAN transceiver provides built-in fault toler-
ance to survive in industrial and automotive environ-
ments. Discrete protection devices are not needed. Bus
interface pins can withstand voltage faults up to
±60Vwith
respect to ground with no damage to the device. Faults
may occur while the transceiver is active, shut down or
powered off. On-chip ESD protection withstands up to
±15kV air discharges and ±8kV contact mode discharges
tested per IEC-1000-4-2. Loss of power or ground con-
nections does not damage the IC.
The circuit operates with data rates up to 125kbaud. A slew
control pin allows control of transmitted data pulse edges
to control EMI and reflection problems on imperfectly
terminated lines. High output current drive allows the use
of inexpensive PVC cable with impedance as low as 72
Ω.
The 100k
Ω input impedance allows up to 256 transceivers
per data network.
The LT1796 is available in 8-lead PDIP and SO packages.
Fault Protected CAN Bus Network
RT
120
Ω
1796 TA01
RT
120
Ω
D
LT1796
TXD
5V
RXD
VREF
RS
GND
R
0.1
µF
7
1
4
6
5
28
D
LT1796
TXD
5V
RXD
VREF
RS
GND
R
0.1
µF
7
1
4
6
5
2
8
125kbps CANH and CANL Driver Output
CANH-CANL
2V/DIV
CANH
2V/DIV
CANL
2V/DIV
TXD IN
5V/DIV
5V/DIV
1796 TA02


Similar Part No. - LT1796CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1796 LINER-LT1796 Datasheet
152Kb / 8P
Overvoltage Fault Protected CAN Transceiver
LT1796 LINER-LT1796_15 Datasheet
152Kb / 8P
Overvoltage Fault Protected CAN Transceiver
More results

Similar Description - LT1796CS8

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13051 MAXIM-MAX13051 Datasheet
251Kb / 12P
짹80V Fault-Protected Can Transceiver with Autobaud
Rev 0; 11/04
logo
Linear Technology
LT1796 LINER-LT1796_15 Datasheet
152Kb / 8P
Overvoltage Fault Protected CAN Transceiver
logo
Maxim Integrated Produc...
MAX3054 MAXIM-MAX3054_14 Datasheet
1Mb / 18P
±80V Fault-Protected/Tolerant CAN Transceiver
Rev 1; 9/14
logo
Texas Instruments
TCAN1042H TI1-TCAN1042H_16 Datasheet
499Kb / 37P
Fault Protected CAN Transceiver with CAN FD
TCAN1042-Q1 TI1-TCAN1042-Q1_16 Datasheet
561Kb / 37P
Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1051H TI1-TCAN1051H Datasheet
451Kb / 35P
Fault Protected CAN Transceiver with CAN FD
TCAN1051-Q1 TI1-TCAN1051-Q1 Datasheet
510Kb / 35P
Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1042-Q1 TI1-TCAN1042-Q1_17 Datasheet
590Kb / 40P
Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1051-Q1 TI1-TCAN1051-Q1_17 Datasheet
545Kb / 38P
Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1043-Q1 TI1-TCAN1043-Q1 Datasheet
635Kb / 43P
Fault Protected CAN Transceiver with CAN FD
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com