Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC358G2 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # UPC358G2
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC358G2 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button UPC358G2 Datasheet HTML 6Page - Renesas Technology Corp UPC358G2 Datasheet HTML 7Page - Renesas Technology Corp UPC358G2 Datasheet HTML 8Page - Renesas Technology Corp UPC358G2 Datasheet HTML 9Page - Renesas Technology Corp UPC358G2 Datasheet HTML 10Page - Renesas Technology Corp UPC358G2 Datasheet HTML 11Page - Renesas Technology Corp UPC358G2 Datasheet HTML 12Page - Renesas Technology Corp UPC358G2 Datasheet HTML 13Page - Renesas Technology Corp UPC358G2 Datasheet HTML 14Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Data Sheet G17929EJ3V0DS
11
μPC1251GR-9LG, μPC1251MP-KAA, μPC358GR-9LG
RECOMMENDED SOLDERING CONDITIONS
The
μ PC1251GR-9LG, μ PC1251MP-KAA, μ PC358GR-9LG should be soldered and mounted under the
following recommended conditions.
For soldering methods and conditions other than those recommended below, contact an NEC Electronics sales
representative.
For technical information, see the following website.
Semiconductor Device Mount Manual (http://www.necel.com/pkg/en/mount/index.html)
Type of Surface Mount Device
μ PC1251GR-9LG-A
Note, μPC1251GR(5)-9LG-A Note,
μ PC358GR-9LG-A
Note, μPC358GR(5)-9LG-A Note: 8-pin plastic TSSOP (5.72 mm (225))
μ PC1251MP-KAA-A
Note, μPC1251MP(5)-KAA-A Note: 8-pin plastic TSSOP (2.8 x 2.9)
Process
Conditions
Symbol
Infrared ray reflow
Peak temperature: 260
°C, Reflow time: 60 seconds or less (at 220°C or higher),
Maximum number of reflow processes: 3 times.
IR60-00-3
Wave soldering
Solder temperature: 260
°C or below, Flow time: 10 seconds or less, Maximum
number of flow processes: 1 time,
Pre-heating temperature: 120
°C or below (Package surface temperature).
WS60-00-1
Partial heating method
Pin temperature: 350
°C or below,
Heat time: 3 seconds or less (Per each side of the device).
P350
Note Pb-free (This product does not contain Pb in external electrode and other parts.)
Caution Apply only one kind of soldering condition to a device, except for “partial heating method”, or the
device will be damaged by heat stress.
Remark Flux: Rosin flux with low chlorine (0.2 Wt% or below) recommended.
REFERENCE DOCUMENTS
Document Name
Document No.
QUALITY GRADES ON NEC SEMICONDUCTOR DEVICES
C11531E
SEMICONDUCTOR DEVICE MOUNT MANUAL
http://www.necel.com/pkg/en/mount/index.html
NEC SEMICONDUCTOR DEVICE RELIABILITY/QUALITY CONTROL
SYSTEM-STANDARD LINEAR IC
IEI-1212
REVIEW OF QUALITY AND RELIABILITY HANDBOOK
C12769E
NEC SEMICONDUCTOR DEVICE RELIBIALITY/QUALITY CONTROL
SYSTEM
C10983E
<R>
<R>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com