Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC1555C Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # UPC1555C
Description  MOS INTEGRATED CIRCUIT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC1555C Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button UPC1555C Datasheet HTML 6Page - Renesas Technology Corp UPC1555C Datasheet HTML 7Page - Renesas Technology Corp UPC1555C Datasheet HTML 8Page - Renesas Technology Corp UPC1555C Datasheet HTML 9Page - Renesas Technology Corp UPC1555C Datasheet HTML 10Page - Renesas Technology Corp UPC1555C Datasheet HTML 11Page - Renesas Technology Corp UPC1555C Datasheet HTML 12Page - Renesas Technology Corp UPC1555C Datasheet HTML 13Page - Renesas Technology Corp UPC1555C Datasheet HTML 14Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
11
µPC1555
RECOMMENDED SOLDERING CONDITIONS
The conditions listed below shall be met when soldering the
µPC1555.
Please consult with our sales offices in case any other soldering process is used, or in case soldering is done under
different conditions.
Surface-Mount Devices
For details of the recommended soldering conditions, refer to our document
SMD Surface Mount Technology
Manual (IEI-1207).
µPC1555G2
Note
Exposure limit before soldering after dry-pack package is opened.
Storage conditions: Temperature of 25
°C or less and maximum relative humidity of 65% or less
Caution Do not apply more than a single process at once, except for “Partial heating method.”
Through-Hole Mount Devices
µPC1555C
Soldering process
Soldering conditions
Symbol
Infrared reflow
Peak package’s surface temperature: 230
°C
IR30-00
Reflow time: 30 seconds or less (at 210
°C or more)
Maximum allowable number of reflow processes: 1
Exposure limit: NoneNote
VPS
Peak package’s surface temperature: 215
°C
VP15-00
Reflow time: 40 seconds or less (at 200
°C or more)
Maximum allowable number of reflow processes: 1
Exposure limit: NoneNote
Wave soldering
Temperature in the soldering vessel: 260
°C or less
WS60-00
Soldering time: 10 seconds or less
Maximum allowable number of reflow processes: 1
Exposure limit: NoneNote
Partial heating method
Pin temperature: 300
°C or less
Flow time: 10 seconds or less
Exposure limit: NoneNote
Soldering process
Soldering conditions
Wave soldering
Temperature in the soldering vessel: 260
°C or less
Soldering time: 10 seconds or less
REFERENCE
Document name
Document No.
NEC Semiconductor Device Reliability/Quality Control System
IEI-1212
Quality Grade on NEC Semiconductor Devices
IEI-1209
Semiconductor Device Mounting Technology Manual
IEI-1207
Semiconductor Device Package Manual
IEI-1213
Guide to Quality Assurance for Semiconductor Devices
MEI-1202
Semiconductor Selection Guide
MF-1134



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com