Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC1663G-E1 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # UPC1663G-E1
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC1663G-E1 Datasheet(HTML) 3 Page - Renesas Technology Corp

  UPC1663G-E1 Datasheet HTML 1Page - Renesas Technology Corp UPC1663G-E1 Datasheet HTML 2Page - Renesas Technology Corp UPC1663G-E1 Datasheet HTML 3Page - Renesas Technology Corp UPC1663G-E1 Datasheet HTML 4Page - Renesas Technology Corp UPC1663G-E1 Datasheet HTML 5Page - Renesas Technology Corp UPC1663G-E1 Datasheet HTML 6Page - Renesas Technology Corp UPC1663G-E1 Datasheet HTML 7Page - Renesas Technology Corp UPC1663G-E1 Datasheet HTML 8Page - Renesas Technology Corp UPC1663G-E1 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Caution Electro-static sensitive devices
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
BIPOLAR ANALOG INTEGRATED CIRCUIT
µµµµPC1663
DC to VHF WIDEBAND DIFFERENTIAL INPUT AND OUTPUT AMPLIFIER IC
DATA SHEET
Document No. G11024EJ6V0DS00 (6th edition)
Date Published September 1999 N CP(K)
Printed in Japan
The mark
shows major revised points.
1987, 1999
©
DESCRIPTION
The
µPC1663 is a differential input, differential output wideband amplifier IC that uses an high frequency silicon
bipolar process. This process improves bandwidth phase characteristics, input noise voltage characteristics, and low
power consumption when compared to conventional HF-band differential amplifier ICs.
These features make this device suitable as a wideband amplifier in high-definition TVs, high-resolution monitors,
broadcasting satellite receivers, and video cameras, as a sense amplifier in high-density CCD and optical pick-up
products, or as a pulse amplifier for optical data links.
These ICs are manufactured using NEC’s 6 GHz fT NESAT
TM I silicon bipolar process. This process uses silicon
nitride passivation film and gold electrodes. These materials can protect chip surface from external pollution and
prevent corrosion/migration. Thus, these ICs have excellent performance, uniformity and reliability.
FEATURES
• Bandwidth and typical gain : 120 MHz @ AVOL = 300
700 MHz @ AVOL = 10
• Phase delay
: –85 deg. @ AVOL = 100, 100 MHz
• Input Noise Voltage
: 3
µVr.m.s. (RS = 50 Ω, 10 k to 10 MHz)
• Supply Current
: 13mA TYP. @ VCC± =
±6 V
• Gain adjustable from 10 to 300 with external resistor
• No frequency compensation required (Small phase delay at 10 MHz or less)
ORDERING INFORMATION
Part Number
Package
Marking
Supplying Form
µPC1663G-E1
8-pin plastic SOP (225 mil)
Embossed tape 12 mm wide.
Pin 1 is in tape pull-out direction.
Qty 2.5 kp/reel.
µPC1663GV-E1
8-pin plastic SSOP (175 mil)
1663
Embossed tape 8 mm wide.
Pin 1 is in tape pull-out direction.
Qty 1 kp/reel.
Remark To order evaluation samples, please contact your local NEC sales office. (Part number for sample order:
µPC1663G, µPC1663GV)
Caution
µµµµPC1663C (8-pin plastic DIP) is discontinued.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com