Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC1876 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # UPC1876
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC1876 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button UPC1876 Datasheet HTML 34Page - Renesas Technology Corp UPC1876 Datasheet HTML 35Page - Renesas Technology Corp UPC1876 Datasheet HTML 36Page - Renesas Technology Corp UPC1876 Datasheet HTML 37Page - Renesas Technology Corp UPC1876 Datasheet HTML 38Page - Renesas Technology Corp UPC1876 Datasheet HTML 39Page - Renesas Technology Corp UPC1876 Datasheet HTML 40Page - Renesas Technology Corp UPC1876 Datasheet HTML 41Page - Renesas Technology Corp UPC1876 Datasheet HTML 42Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 39 / 42 page
background image
µPC1876
37
Data Sheet S11666EJ4V0DS00
9.
PACKAGE DRAWING
42-PIN PLASTIC SSOP (9.53 mm (375))
NOTE
Each lead centerline is located within 0.10 mm of
its true position (T.P.) at maximum material condition.
ITEM
MILLIMETERS
C
1.13 MAX.
0.125
±0.075
E
F
B
18.16 MAX.
A
0.8 (T.P.)
2.9 MAX.
G
2.5
±0.2
H
10.3
±0.3
I
7.15
±0.2
J
1.6
±0.2
M
0.10
N
0.10
L
0.8
±0.2
K
0.15+0.10
−0.05
D
0.35+0.10
−0.05
P3
°+7°
−3°
S42GT-80-375B-2
K
L
G
P
DM
B
J
detail of lead end
S
N
A
H
I
M
F
E
C
121
42
22
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com