Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC1876GT Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # UPC1876GT
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC1876GT Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button UPC1876GT Datasheet HTML 24Page - Renesas Technology Corp UPC1876GT Datasheet HTML 25Page - Renesas Technology Corp UPC1876GT Datasheet HTML 26Page - Renesas Technology Corp UPC1876GT Datasheet HTML 27Page - Renesas Technology Corp UPC1876GT Datasheet HTML 28Page - Renesas Technology Corp UPC1876GT Datasheet HTML 29Page - Renesas Technology Corp UPC1876GT Datasheet HTML 30Page - Renesas Technology Corp UPC1876GT Datasheet HTML 31Page - Renesas Technology Corp UPC1876GT Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 42 page
background image
µPC1876
26
Data Sheet S11666EJ4V0DS00
(2/2)
Parameter
Symbol
Test conditions
MIN.
TYP.
MAX.
Unit
SAP single frequency
VOSAP21
f = 1 kHz, 30% modulation
–0.5
0
+0.5
dB
characteristics 1
(f = 300 Hz : 0 dB)
Noise reduction : OFF
SAP single frequency
VOSAP22
f = 3 kHz, 30% modulation
–0.5
0
+0.5
dB
characteristics 2
(f = 300 Hz : 0 dB)
Noise reduction : OFF
SAP single frequency
VOSAP23
f = 8 kHz, 30% modulation
–1.0
0
+1.0
dB
characteristics 3
(f = 300 Hz : 0 dB)
Noise reduction : OFF
Stereo channel separation 1
Sep1
f = 300 Hz, 30% modulation
27
32
–
dB
Stereo channel separation 2
Sep2
f = 1 kHz, 30% modulation
25
30
–
dB
Stereo channel separation 3
Sep3
f = 3 kHz, 30% modulation
27
35
–
dB
Monaural total distortion rate
THDMO
f = 1 kHz, 100% modulation
–
0.1
0.5
%
Stereo total distortion rate 1
THDST1
f = 1 kHz, 100% modulation
–
0.3
1.5
%
Stereo total distortion rate 2
THDST2
f = 8 kHz, 30% modulation
–
0.8
1.8
%
SAP total distortion rate
THDSAP1
f = 1 kHz, 100% modulation
–
0.5
2.0
%
SAP single distortion rate
THDSAP2
f = 1 kHz, 100% modulation,
–
0.7
2.0
%
Noise reduction : OFF
Cross talk 1
CT1
SAP: f = 3 kHz, 30% modulation
–
–60
–50
dB
SAP
→ stereo
Stereo: L-only,
f = 800 Hz, 30% modulation
Cross talk 2
CT2
SAP: f = 800 Hz, 30% modulation
–
–60
–50
dB
stereo
→ SAP
Stereo: L-only,
f = 3 kHz, 30% modulation
Total muting level
Mute
f = 1 kHz, 100% modulation
60
70
–
dB
LED driver saturation voltage
VOSAT
ID = 10 mA
–
0.1
0.3
V
dbx timing current
IT
Current flowing into STI, WTI pins
7.1
7.5
7.9
µA
Inter-mode DC offset 1
VDOF1
Mute
→ Monaural
–50
0
+50
mV
No signals
Inter-mode DC offset 2
VDOF2
Mute
→ Stereo
–50
0
+50
mV
Input pilot signal only
Inter-mode DC offset 3
VDOF3
Mute
→ SAP1
–50
0
+50
mV
Input 5fH signal only
Monaural total S/N
S/NMO
f = 300 Hz, 100% modulation
65
68
–
dB
Pre-emphasis : ON
Stereo total S/N
S/NST
f = 300 Hz, 100% modulation
65
68
–
dB
SAP total S/N
S/NSAP
Noise reduction : ON
70
80
–
dB
Reference voltage
Vref
1.5 V pin
1.35
1.50
1.65
V
DC output saturation voltage
VOSAT2
DCO pin, I = 1 mA
–
0.1
0.3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com