Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC574 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # UPC574
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC574 Datasheet(HTML) 5 Page - Renesas Technology Corp

  UPC574 Datasheet HTML 1Page - Renesas Technology Corp UPC574 Datasheet HTML 2Page - Renesas Technology Corp UPC574 Datasheet HTML 3Page - Renesas Technology Corp UPC574 Datasheet HTML 4Page - Renesas Technology Corp UPC574 Datasheet HTML 5Page - Renesas Technology Corp UPC574 Datasheet HTML 6Page - Renesas Technology Corp UPC574 Datasheet HTML 7Page - Renesas Technology Corp UPC574 Datasheet HTML 8Page - Renesas Technology Corp UPC574 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
µPC574
3
TYPICAL CHARACTERISTIC (TA = 25
°C, unless otherwise specified.)
Power Dissipation vs.
Ambient Temperature
Free Air
400
300
200
100
80
+80
+60
+40
+20
0
–20
–40
–60
–80
0
5
10 15 20304050 1
5
10 20 30
60
40
20
10
8
6
4
2
02468
10
TA - Operating Ambient Temperature - °C
Stabilized Voltage Temperature
Drift vs. Zener Current
IZ - Zener Current - mA
Stabilized Voltage Variation &
Supply Voltage Variation vs.
Zener Current
IZ - Zener Current - mA
Dynamic Resistance vs.
Zener Current
IZ - Zener Current - mA
Stabilized Voltage Variation
vs. Time
t - Time
s.
min.
IAC =
f = 1 kHz
IZ
10
+4
–20
0
25
50
75
+3
+2
+1
0
–1
–2
–3
–4
+1.0
+0.8
+0.6
+0.4
+0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
+30
+20
+10
0
–10
–20
–30
02468
10
02468
10
+
VREF
IZ = 5 mA XY – Recoder
Free Air
IZ = 5 mA
VZ = 33.11 V
–
A
2
VZ
RS
IZ
1
574J
VB
V
Reference IZ = 5 mA
VZ = VZ (IZ) – VZ (5)
TA = –20 °C
TA = +25 °C
TA = +75 °C
∆



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com