Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC574J Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # UPC574J
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC574J Datasheet(HTML) 3 Page - Renesas Technology Corp

  UPC574J Datasheet HTML 1Page - Renesas Technology Corp UPC574J Datasheet HTML 2Page - Renesas Technology Corp UPC574J Datasheet HTML 3Page - Renesas Technology Corp UPC574J Datasheet HTML 4Page - Renesas Technology Corp UPC574J Datasheet HTML 5Page - Renesas Technology Corp UPC574J Datasheet HTML 6Page - Renesas Technology Corp UPC574J Datasheet HTML 7Page - Renesas Technology Corp UPC574J Datasheet HTML 8Page - Renesas Technology Corp UPC574J Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
©
1998
DATA SHEET
BIPOLAR ANALOG INTEGRATED CIRCUIT
µPC574
MONOLITHIC BIPOLAR INTEGRATED CIRCUIT
VOLTAGE STABILIZER FOR ELECTRONIC TUNER
The
µPC574 is a monolithic integrated voltage stabilizer especially designed as voltage supplier for electronic
tuners.
FEATURES
•
Low temperature coefficient
•
Low dynamic resistance
•
Typical reference voltage of 33 V
EQUIVALENT CIRCUIT
PIN CONFIGURATION (Marking Side)
µPC574J: 2-pin plastic SIP (TO-92)
ORDERING INFORMATION
Part Number
Package
µPC574J
2-pin plastic SIP (TO-92)
The information in this document is subject to change without notice.
The mark
shows major revised points.
Document No. S13200EJ4V0DS00 (4th edition)
(Previous No. IC-1006)
Date Published January 1998 N CP(K)
Printed in Japan
R4
R2
R1
D1
2
1
Q3
Q2
Q1
D2
D3
D4
D5
R3
2
1
1. Anode
2. Cathode



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com