Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC667 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # UPC667
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC667 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button UPC667 Datasheet HTML 6Page - Renesas Technology Corp UPC667 Datasheet HTML 7Page - Renesas Technology Corp UPC667 Datasheet HTML 8Page - Renesas Technology Corp UPC667 Datasheet HTML 9Page - Renesas Technology Corp UPC667 Datasheet HTML 10Page - Renesas Technology Corp UPC667 Datasheet HTML 11Page - Renesas Technology Corp UPC667 Datasheet HTML 12Page - Renesas Technology Corp UPC667 Datasheet HTML 13Page - Renesas Technology Corp UPC667 Datasheet HTML 14Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
µPC667
11
RECOMMENDED SOLDERING CONDITIONS
When soldering this product, it is highly recommended to observe the conditions as shown below. If other soldering
processes are used, or if the soldering is performed under different conditions, please make sure to consult with our
sales offices.
For more details, refer to our document “SEMICONDUCTOR DEVICE MOUNTING TECHNOLOGY MANUAL”
(IEI-1207).
Through-hole device
µPC667CT: 30-pin plastic Shrink DIP (400 mil)
Process
Conditions
Wave soldering
Solder temperature: 260 ˚C or below,
(only to leads)
Flow time: 10 seconds or less.
Partial heating method
Terminal temperature: 300 ˚C or below,
Heat time: 3 seconds or less (Per each lead).
Caution For through-hole devices, the wave soldering process must be applied only to leads, and make
sure that the package body does not get jet soldered.
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com