Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC834 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # UPC834
Description  Low Noise J-FET Input Quad Operational Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC834 Datasheet(HTML) 4 Page - Renesas Technology Corp

  UPC834 Datasheet HTML 1Page - Renesas Technology Corp UPC834 Datasheet HTML 2Page - Renesas Technology Corp UPC834 Datasheet HTML 3Page - Renesas Technology Corp UPC834 Datasheet HTML 4Page - Renesas Technology Corp UPC834 Datasheet HTML 5Page - Renesas Technology Corp UPC834 Datasheet HTML 6Page - Renesas Technology Corp UPC834 Datasheet HTML 7Page - Renesas Technology Corp UPC834 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
UPC834, 4064
R03DS0153EJ0100
Rev.1.00
Page 4 of 7
2019.11.12
ELECTRICAL CHARACTERISTICS CURVE (TA = 25
C, TYP.) (REFERENCE VALUE)
μPC834G2, 4064G2
182
C/W
0
200
400
600
800
0
20406080
100
Operating Ambient Temperature TA [C]
PT vs. TA (Absolute maximum rating)
0
20
40
60
80
100
120
1
10
100
1k
10k 100k 1M 10M
Frequency f [Hz]
AV vs. f
V ± = ±15 V
RL = 10 kΩ
-5
-4
-3
-2
-1
0
1
2
3
4
5
-50
0
50
100
150
Operating Ambient Temperature TA [C]
VIO vs. TA
V ± = ±15 V
Any sample data
0.001
0.01
0.1
1
10
100
-50
0
50
100
150
Operating Ambient Temperature TA [C]
IB vs. TA
V ± = ±15 V
0
10
20
30
100
1k
10k
100k
1M
10M
Frequency f [Hz]
Vom vs. f
RL = 10 kΩ
V ± = ±15 V
V ± = ±10 V
V ± = ±5 V
0
10
20
30
40
0±10
±20
Power Supply Voltage V ± [V]
Vom vs. V ±
RL = 10 kΩ



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com