Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC835 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # UPC835
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC835 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button UPC835 Datasheet HTML 5Page - Renesas Technology Corp UPC835 Datasheet HTML 6Page - Renesas Technology Corp UPC835 Datasheet HTML 7Page - Renesas Technology Corp UPC835 Datasheet HTML 8Page - Renesas Technology Corp UPC835 Datasheet HTML 9Page - Renesas Technology Corp UPC835 Datasheet HTML 10Page - Renesas Technology Corp UPC835 Datasheet HTML 11Page - Renesas Technology Corp UPC835 Datasheet HTML 12Page - Renesas Technology Corp UPC835 Datasheet HTML 13Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Data Sheet G18672EJ1V0DS
9
μPC835
PACKAGE DRAWING (Unit : mm)
5
8
1
M
S
S
8-PIN PLASTIC TSSOP (3x3)
detail of lead end
ITEM
DIMENSIONS
D
E
e
A1
A
A2
L1
c
x
y
bp
3.00
0.10
1.10 MAX.
0.85
4.90
±
0.95
0.10
±0.15
± 0.05
0.13 to 0.23
0.10
0.10
0.25 to 0.38
Lp
0.55
A3
(UNIT:mm)
P8MN-65-KAA
D
L1
A
A2
A1
e
bp
y
E
Lp
θ
θ
HE
c
A3
0.15 MAX.
0.15 MAX.
0.15 MAX.
0.15 MAX.
x
3.00
4
A
B
S
B
A
0.65
0.25
HE
t
f
0.20
0.20
S
f
B
A
x4
S
t
B
A
x2
3
°+5°
−3°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com