Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1486 Datasheet(PDF) 13 Page - Semtech Corporation

Part # SC1486
Description  Dual Synchronous Buck Pseudo Fixed Frequency DDR Power Supply Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1486 Datasheet(HTML) 13 Page - Semtech Corporation

Back Button SC1486 Datasheet HTML 9Page - Semtech Corporation SC1486 Datasheet HTML 10Page - Semtech Corporation SC1486 Datasheet HTML 11Page - Semtech Corporation SC1486 Datasheet HTML 12Page - Semtech Corporation SC1486 Datasheet HTML 13Page - Semtech Corporation SC1486 Datasheet HTML 14Page - Semtech Corporation SC1486 Datasheet HTML 15Page - Semtech Corporation SC1486 Datasheet HTML 16Page - Semtech Corporation SC1486 Datasheet HTML 17Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
13
 2002 Semtech Corp.
www.semtech.com
SC1486
POWER MANAGEMENT
SC1486 System DC Accuracy (VTT Controller)
Two IC parameters effect system DC accuracy, the error
comparator offset voltage, and the switching frequency
variation with line and load. The 1486 regulates to the
REFOUT voltage not the REFIN voltage. Since DDR
specifications are written with respect to REFOUT, the
offset of the reference buffer does not create a regulation
error.
The error comparator offset is trimmed so that it trips
when VOUT is 1.25 volts at room temperature. This offset
does not drift significantly with supply and temperature.
Thus, the error comparator contributes 1% or less to DC
system inaccuracy.
The on pulse in the SC1486 is calculated to give a pseudo
fixed frequency. Nevertheless, some frequency variation
with line and load can be expected. This variation changes
the output ripple voltage. Because constant on regulators
regulate to the valley of the output ripple, ½ of the output
ripple appears as a DC regulation error. For example, if
REFOUT=1.25 volts, then the valley of the output ripple
will be 1.25 volts. If the ripple is 20mv with VIN=6, then
the DC output voltage will be 1.26 volts. If the ripple is
40mv with VIN=25 volts, then the DC output voltage will
be 1.27 volts. The best way to minimize this effect is to
minimize the output ripple.
To compensate for valley regulation is usually desirable
to use passive droop. Take the feedback directly from
the output side of the inductor incorporating a small
amount of trace resistance between the inductor and
output capacitor. This trace resistance should be
optimized so that at full load the output droops to near
the lower regulation limit. Passive droop minimizes the
required output capacitance because the voltage
excursions due to load steps are reduced. Passive droops
also improves stability so it should be used when possible.
1486 System DC Accuracy (VVDQ Controller)
Three IC parameters affect system DC accuracy, the
internal band gap reference, the error comparator offset
voltage, and the switching frequency variation with line
and load.
The internal 1% 1.5V reference contains two error
components, a 0.5% DC error and a 0.5% supply and
temperature error. The error comparator offset is
trimmed so that it trips when the feedback pin is nominally
0.5 volts +/-1% at room temperature. The comparator
offset trim compensates for any DC error in the reference.
Thus, the percentage error is the sum of the reference
variation over supply and temperature and the offset in
the error comparator or 1.5%.
The on pulse in the SC1486 is calculated to give a pseudo
fixed frequency. Nevertheless, some frequency variation
with line and load can be expected. This variation changes
the output ripple voltage. Because constant on regulators
regulate to the valley of the output ripple, ½ of the output
ripple appears as a DC regulation error. For example, if
the feedback resistors are chosen to divide down the
output by a factor of five, the valley of the output ripple
will be 2.5V. If the ripple is 50mv with VIN = 6 volts, then
the measured DC output will be 2.525 volts. If the ripple
increases to 80mv with VIN = 25 volts, then the
measured DC output will be 2.540. The best way to
minimize this effect is to minimize the output ripple.
To compensate for valley regulation is usually desirable
to use passive droop. Take the feedback directly from
the output side of the inductor incorporating a small
amount of trace resistance between the inductor and
output capacitor. This trace resistance should be
optimized so that at full load the output droops to near
the lower regulation limit. Passive droop minimizes the
required output capacitance because the voltage
excursions due to load steps are reduced.
Board components and layout also influence DC
accuracy. The use of 1% feedback resistors contribute
1%. If tighter DC accuracy is required use 0.1% feedback
resistors.
The output inductor value may change with current. This
will change the output ripple and thus the DC output
voltage.It will not change the frequency.
Switching frequency variation with load can be minimized
by choosing lower RDSON MOSFETs. High RDSON
MOSFETS will cause the switching frequency to increase
as the load current increases. This will reduce the ripple
and thus the DC output voltage. This inherent droop
should be considered when deciding if passive droop is
required. If the output ripple some passive droop may
be desirable to further reduce the output capacitance.
Application Information (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com