Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F07 Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # 74F07
Description  Hex inverter/buffer drivers (open-collector)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74F07 Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  74F07 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74F07 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74F07 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74F07 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74F07 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74F07 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74F07 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74F07 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74F07 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Philips Semiconductors
Product data
74F07
Hex inverter/buffer drivers (open-collector)
2
2004 Mar 12
FEATURES
• Open Collector output drive 64mA
• High speed
• 12V output termination voltage
TYPE
TYPICAL
PROPAGATION
DELAY
TYPICAL SUPPLY
CURRENT
(TOTAL)
74F07
4.5ns
32mA
ORDERING INFORMATION
DESCRIPTION
TYPE NUMBER
PKG DWG #
14-pin plastic small outline package
N74F07D
SOT108–1
14-pin plastic dual in-line package
N74F07N
SOT27–1
PIN CONFIGURATIONS
14
13
12
11
10
9
8
7
6
5
4
3
2
1
GND
VCC
Y4
A3
Y3
A4
A5
Y5
A0
Y0
Y2
A1
Y1
A2
SF00017
74F07
LOGIC SYMBOLS
46
8
10
13
5
9
11 13
VCC = Pin 14
GND = Pin 7
SF00019
A0
A1 A2
A3 A4 A5
2
Y0
Y1 Y2
Y3
Y4 Y5
12
74F07



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com