Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S5935TF Datasheet(PDF) 21 Page - Applied Micro Circuits Corporation

Part # S5935TF
Description  PCI 5V Bus Master/Target Device 32-bit
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

S5935TF Datasheet(HTML) 21 Page - Applied Micro Circuits Corporation

Back Button S5935TF Datasheet HTML 17Page - Applied Micro Circuits Corporation S5935TF Datasheet HTML 18Page - Applied Micro Circuits Corporation S5935TF Datasheet HTML 19Page - Applied Micro Circuits Corporation S5935TF Datasheet HTML 20Page - Applied Micro Circuits Corporation S5935TF Datasheet HTML 21Page - Applied Micro Circuits Corporation S5935TF Datasheet HTML 22Page - Applied Micro Circuits Corporation S5935TF Datasheet HTML 23Page - Applied Micro Circuits Corporation S5935TF Datasheet HTML 24Page - Applied Micro Circuits Corporation S5935TF Datasheet HTML 25Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 190 page
background image
2-13
SIGNAL DESCRIPTIONS
S5935
NON-VOLATILE MEMORY INTERFACE SIGNALS
This signal grouping provides for connection to external non-volatile memories. Either a serial or byte-wide device
may be used.
The serial interface shares the read and write control pins used for interfacing with byte-wide memory devices. Since
it is intended that only one (serial or byte wide) configuration be used in any given implementation, separate
descriptions are provided for each. The S5935 provides the pins necessary to interface to a byte wide non-volatile
memory. When they are connected to a properly configured serial memory, these byte wide interface pins assume
alternate functions. These alternate functions include added external FIFO status flags, FIFO reset control, Add-On
control for bus mastering and a hardware interface mailbox port.
Byte-Wide nv Devices
Signal
Type
Description
SCL
t/s
Serial Clock. This output is intended to drive a two-wire Serial Interface and functions
as the bus’s master. It is intended that this signal be directly connected to one or
more inexpensive serial non-volatile RAMs or EEPROMs. This pin is shared with the
byte wide interface signal, ERD#.
SDA
t/s
Serial Data/Address. This bidirectional pin is used to transfer addresses and data to or from
a serial nvRAM or EEPROM. It is an open drain output and intended to be wire-ORed
with all other devices on the serial bus using a 4.7K external pull-up resistor. This pin
is shared with the byte wide interface signal, EWR#.
SNV
in
Serial Non-Volatile Device. This input, when high, indicates a serial boot device or no
boot device is present. When this pin is low, a byte-wide boot device is present.
Serial nv Devices
Signal
Type
Description
EA[15:00]
t/s
External nv memory address. These signals connect directly to the external BIOS (or
EEPROM) or EPROM address pins EA0 through EA15. The PCI interface controller
assembles 32-bit-wide accesses through multiple read cycles of the 8-bit device. The
address space from 0040h through 007Fh is used to preload and initialize the PCI
configuration registers. Should an external nv memory be used, the minimum size
required is 128 bytes and the maximum is 64K bytes. When a serial memory is
connected to the S5935, the pins EA[7:0] are reconfigured to become a hardware Add-
On to PCI mailbox register with the EA8 pin as the mailbox load clock. Also, the EA15
signal pin will provide an indication that the PCI to Add-On FIFO is full (FRF#), and the
EA14 signal pin will indicate whether the Add-On to PCI FIFO is empty (FWE#).
ERD#
out
External nv memory read control. This pin is asserted during read operations involv-
ing the external non-volatile memory. Data is transferred into the S5935 during the
low to high transition of ERD#. This pin is shared with the serial external memory
interface signal, SCL.
EWR#
t/s
External nv memory write control. This pin is asserted during write operations involv-
ing the external non-volatile memory. Data is presented on pins EQ[7:0] along with its
address on pins EA[15:0] throughout the entire assertion of EWR#. This pin is shared
with the serial external memory interface signal, SDA.
EQ[7:0]
t/s
External memory data bus. These pins are used to directly connect with the data pins
of an external non-volatile memory. When a serial memory is connected to the
S5935, the pins EQ4, EQ5, EQ6 and EQ7 become reconfigured to provide signal
pins for bus mastering control from the Add-On interface.
Note: SCL and SDA are not controlled by FLT#.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com