Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC158 Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # 74HC158
Description  Quad 2-input multiplexer; inverting
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC158 Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  74HC158 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74HC158 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74HC158 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HC158 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC158 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC158 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC158 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC158 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC158 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
© Nexperia B.V. 2017. All rights reserved
74HC158
All information provided in this document is subject to legal disclaimers.
.
Product data sheet
Rev. 4 — 23 December 2015
2 of 16
Nexperia
74HC158
Quad 2-input multiplexer; inverting
3.
Ordering information
4.
Functional diagram
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74HC158D
40 C to +125 C
SO16
plastic small outline package; 16 leads;
body width 3.9 mm
SOT109-1
Fig 1.
Functional diagram
2
S
1I0
1Y
4
2Y
7
3Y
9
4Y
12
E
1
15
3
1I1
5
2I0
6
2I1
11
3I0
10
3I1
14
4I0
13
4I1
MULTIPLEXER
OUTPUTS
Fig 2.
Logic symbol
Fig 3.
IEC logic symbol
1I0
1I1
2I0
2I1
3I0
3I1
4I0
4I1
S
1Y
2Y
3Y
4Y
1
12
9
7
4
13
E
15
14
10
11
6
5
3
2
9
12
7
15
EN
1
G1
1
MUX
4
10
11
13
14
6
5
3
2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com