Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC161 Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # 74HC161
Description  Presettable synchronous 4-bit binary counter; asynchronous reset
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC161 Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  74HC161 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74HC161 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74HC161 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HC161 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC161 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC161 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC161 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC161 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC161 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Nexperia
74HC161
Presettable synchronous 4-bit binary counter; asynchronous reset
3. Ordering information
Table 1. Ordering information
Package
Type number
Temperature range Name
Description
Version
74HC161D
-40 °C to +125 °C
SO16
plastic small outline package; 16 leads; body width 3.9 mm SOT109-1
74HC161PW
-40 °C to +125 °C
TSSOP16 plastic thin shrink small outline package; 16 leads;
body width 4.4 mm
SOT403-1
4. Functional diagram
mna905
Q0
Q1
CP
Q2
Q3
TC
3
4
2
5
6
9
14
13
15
12
11
MR
1
CEP
7
CET
10
D0
D1
D2
D3
PE
Fig. 1. Logic symbol
mna906
15
11
12
3
4
5
6
14
13
7
10
G3
1
R
9
M1
G4
2
C2/1,3,4+
1,2D
4 CT = 15
CTR4
Fig. 2. IEC logic symbol
mna907
PARALLEL LOAD
CIRCUITRY
BINARY
COUNTER
CEP
TC
15
CET
PE
CP
MR
Q0 Q1 Q2 Q3
D0 D1 D2 D3
14 13 12 11
3
4
5
6
7
10
9
2
1
Fig. 3. Functional diagram
74HC161
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 5 — 16 March 2021
2 / 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com