Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCT-48K160-R Datasheet(PDF) 3 Page - Teledyne Technologies Incorporated

Part # CCT-48K160-R
Description  Internal 50Ω Termination DC-40 GHz Normally Open Multi-Throw Coaxial Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

CCT-48K160-R Datasheet(HTML) 3 Page - Teledyne Technologies Incorporated

  CCT-48K160-R Datasheet HTML 1Page - Teledyne Technologies Incorporated CCT-48K160-R Datasheet HTML 2Page - Teledyne Technologies Incorporated CCT-48K160-R Datasheet HTML 3Page - Teledyne Technologies Incorporated CCT-48K160-R Datasheet HTML 4Page - Teledyne Technologies Incorporated CCT-48K160-R Datasheet HTML 5Page - Teledyne Technologies Incorporated CCT-48K160-R Datasheet HTML 6Page - Teledyne Technologies Incorporated CCT-48K160-R Datasheet HTML 7Page - Teledyne Technologies Incorporated CCT-48K160-R Datasheet HTML 8Page - Teledyne Technologies Incorporated CCT-48K160-R Datasheet HTML 9Page - Teledyne Technologies Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
© 2019 TELEDYNE RELAYS
(800) 284-7007 • www.teledynecoax.com
CCT-48K/CT-48K Page 3
CCT-48K\CT-48K\042019Q2
Series CCT-48K/CT-48K
Internal 50Ω Termination DC-40 GHz
Normally Open Multi-Throw Coaxial Switch
15-PIN D-SUB CONNECTOR
“-S option” 9-pin, 15-pin connector
(example: CCT-48KS660-S)
CONNECTOR PINOUT FOR NORMALLY OPEN SP3T MULTI-THROW SWITCHES
EXAMPLE
CT-48K130-S
CT-48K13C-S
CT-48K130-TS
CT-48K13C-TS
CT-48K130-TDS
CT-48K13C-TDS
PIN NO
9-
9-
9-
9-
9-
9-
INDICATOR
YES
YES
YES
TTL
YES
YES
DECODERS
TTL
YES
YES
1
PORT 1
PORT 1
TTL 1
TTL 1
LOGIC 1
LOGIC 1
2
PORT 2
PORT 3
TTL 2
TTL 2
LOGIC 2
LOGIC 2
3
PORT 3
PORT 3
TTL 3
TTL 3
4
E INDICATOR
E INDICATOR
E INDICATOR
5
F INDICATOR
F INDICATOR
F INDICATOR
6
G INDICATOR
G INDICATOR
G INDICATOR
7
COMMON
COMMON
COMMON
COMMON
COMMON
COMMON
8
V
V
V
V
9
D INDICATOR (COM)
D INDICATOR (COM)
D INDICATOR (COM)
CONNECTOR PINOUT FOR NORMALLY OPEN SP4T MULTI-THROW SWITCHES
EXAMPLE
CT-48K140-S
CT-48K14C-S
CT-48K140-TS
CT-48K14C-TS
CT-48K140-TDS
CT-48K14C-TDS
PIN NO
9-
15-
9-
15-
9-
15-
INDICATOR
YES
YES
YES
TTL
YES
YES
DECODERS
TTL
YES
YES
1
PORT 1
PORT 1
TTL 1
TTL 1
LOGIC 1
LOGIC 1
2
PORT 2
PORT 3
TTL 2
TTL 2
LOGIC 2
LOGIC 2
3
PORT 3
PORT 3
TTL 3
TTL 3
LOGIC 3
LOGIC 3
4
PORT 4
PORT 4
TTL 4
TTL 4
5
6
7
COMMON
COMMON
COMMON
COMMON
COMMON
COMMON
8
V
V
V
V
9
D INDICATOR (COM)
D INDICATOR (COM)
D INDICATOR (COM)
10
E INDICATOR
E INDICATOR
E INDICATOR
11
F INDICATOR
F INDICATOR
F INDICATOR
12
G INDICATOR
G INDICATOR
G INDICATOR
13
H INDICATOR
H INDICATOR
H INDICATOR
14
15
1
6
9-PIN D-SUB CONNECTOR



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com