Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCT-48K260-R Datasheet(PDF) 1 Page - Teledyne Technologies Incorporated

Part # CCT-48K260-R
Description  Internal 50Ω Termination DC-40 GHz Normally Open Multi-Throw Coaxial Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

CCT-48K260-R Datasheet(HTML) 1 Page - Teledyne Technologies Incorporated

  CCT-48K260-R Datasheet HTML 1Page - Teledyne Technologies Incorporated CCT-48K260-R Datasheet HTML 2Page - Teledyne Technologies Incorporated CCT-48K260-R Datasheet HTML 3Page - Teledyne Technologies Incorporated CCT-48K260-R Datasheet HTML 4Page - Teledyne Technologies Incorporated CCT-48K260-R Datasheet HTML 5Page - Teledyne Technologies Incorporated CCT-48K260-R Datasheet HTML 6Page - Teledyne Technologies Incorporated CCT-48K260-R Datasheet HTML 7Page - Teledyne Technologies Incorporated CCT-48K260-R Datasheet HTML 8Page - Teledyne Technologies Incorporated CCT-48K260-R Datasheet HTML 9Page - Teledyne Technologies Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© 2019 TELEDYNE RELAYS
(800) 284-7007 • www.teledynecoax.com
CCT-48K/CT-48K Page 1
CCT-48K\CT-48K\042019Q2
Series CCT-48K/CT-48K
Internal 50Ω Termination DC-40 GHz
Normally Open Multi-Throw Coaxial Switch
ENVIRONMENTAL AND PHYSICAL CHARACTERISTICS
Operating Temperature
Commercial Model, CCT-48K
Elite Model, CT-48K***
–25°C to 65°C
–55°C to 85°C
Vibration (MIL-STD-202 Method 214,
Condition D, non-operating)
10 g’s RMS
Shock (MIL-STD-202 Method 213,
Condition D, non-operating)
500 g’s
Standard Actuator Life
Actuator Life w/ Additional Features
5,000,000 cycles
1,000,000 cycles
Connector Type
2.92mm (K)
Humidity (Moisture Seal)
Available
Weight
6 oz. (170.1g) (max.)
PART NUMBER DESCRIPTION
CCT-48K
Commercial Normally Open Multi-throw, DC-40 GHz
CT-48K
Elite Normally Open Multi-throw, DC-40GHz
The CCT-48K/CT-48K is an Internally Terminated broadband, multi-throw, electromechanical coaxial
switch designed to switch a microwave signal from a common input to any of 3, 4, 5, or 6 outputs.
The characteristic impedance is 50 Ohms. Internal terminations provide an impedence match for the
unselected ports. The switches are small using the popular connector spacing on a 1.062” dia. circle.
Each position has an individual actuator mechanism allowing random position selection. This also
minimizes switching time.
The CCT-48K/CT-48K comes with a normally open actuator. For the normally open actuator, all ports are
terminated in 50 Ohms, except the common input port which is open when the switch is de-energized.
Available with
USB & Ethernet
Control!
PERFORMANCE CHARACTERISTICS
Frequency
DC–6 GHz
6–12 GHz
12–18 GHz
18–26.5 GHz
26.5–32 GHz
32–40 GHz
Insertion Loss, dB,
max.
0.20
0.30
0.60
0.80
.80
1.40
Isolation, dB, min.
80
75
70
70
60
60
VSWR , max.
1.25:1
1.30:1
1.60:1
1.70:1
1.80:1
1.95:1
For maximum limits, please see charts on pages 7-8
PART NUMBERING SYSTEM
For additional options, please contact factory.
Actuator Voltage
CCT-48
K
1
6
C -
T **
Series
Connectors
Actuator Type
Options
Number of Positions
* D-Sub Connector may be 9 or 15 pin depending on
number of throws. (See Connector Pinout page)
K: 2.92mm
1:28
3:
3
0
:
:
2:15
4:
4
:
***
:
3:12
5:
5
:
+
4:24
6:
6
:
**
12-14
:
: -
*
***Indicator Contacts Operating Temperature
-50°C to 85°C (Elite Model Only)
ELECTRICAL CHARACTERISTICS
Form Factor
Multi-Throw,,
break before make
Frequency Range
CCT-48K
CT-48K
DC–40 GHz
DC–40 GHz
Characteristic Impedance
50 Ohms
Terminations
50Ω, 2 Watts CW max.
Operate Time
15 ms (max.)
Release Time
15 ms (max.)
Actuation Voltage Available
12
15
24
28 V
Actuation Current, max. @ ambient
420 350 250 200 mA


Similar Part No. - CCT-48K260-R

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CCT-49K TELEDYNE-CCT-49K Datasheet
786Kb / 10P
Latching Multi-Throw Coaxial Switch
CCT-49K TELEDYNE-CCT-49K Datasheet
522Kb / 5P
Controlled with USB or Ethernet
CCT-49K630-D TELEDYNE-CCT-49K630-D Datasheet
786Kb / 10P
Latching Multi-Throw Coaxial Switch
CCT-49K630-M TELEDYNE-CCT-49K630-M Datasheet
786Kb / 10P
Latching Multi-Throw Coaxial Switch
CCT-49K630-R TELEDYNE-CCT-49K630-R Datasheet
786Kb / 10P
Latching Multi-Throw Coaxial Switch
More results

Similar Description - CCT-48K260-R

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CCP-18D TELEDYNE-CCP-18D Datasheet
512Kb / 8P
Normally Open Coaxial Switch
CCP-18N TELEDYNE-CCP-18N Datasheet
591Kb / 10P
Normally Open Coaxial Switch
CCP-38S TELEDYNE-CCP-38S Datasheet
591Kb / 10P
Normally Open Coaxial Switch
CCR-58S TELEDYNE-CCR-58S Datasheet
826Kb / 13P
Normally Open Coaxial Switch
CCS-18 TELEDYNE-CCS-18 Datasheet
1,017Kb / 16P
Normally Open Coaxial Switch
CCT-38S TELEDYNE-CCT-38S Datasheet
804Kb / 10P
Normally Open Coaxial Switch
CCT-58S TELEDYNE-CCT-58S Datasheet
935Kb / 14P
Normally Open Coaxial Switch
CR-38S TELEDYNE-CR-38S Datasheet
817Kb / 13P
Normally Open Coaxial Switch
CT-38S TELEDYNE-CT-38S Datasheet
926Kb / 14P
Normally Open Coaxial Switch
CCR-38U TELEDYNE-CCR-38U Datasheet
937Kb / 7P
DC–52 GHz, Unterminated Normally Open SPnT Coaxial Switch
11/2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com