Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD2RMC Datasheet(PDF) 1 Page - Greystone Energy Systems Inc.

Part # CD2RMC
Description  ROOM CARBON DIOXIDE DETECTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREYSTONE [Greystone Energy Systems Inc.]
Direct Link  http://greystoneenergy.com/
Logo GREYSTONE - Greystone Energy Systems Inc.

CD2RMC Datasheet(HTML) 1 Page - Greystone Energy Systems Inc.

  CD2RMC Datasheet HTML 1Page - Greystone Energy Systems Inc. CD2RMC Datasheet HTML 2Page - Greystone Energy Systems Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GREYSTONE HAS AN ISO 9001 REGISTERED QUALITY SYSTEM
ROOM CARBON DIOXIDE DETECTOR
CD2RMC SERIES
PRODUCT DESCRIPTION
The room CO
2 transmitter device uses a highly
accurate and reliable nondispersive infrared (NDIR)
sensor in an attractive, low profile enclosure for
room applications to monitor CO
2 levels. The
sensor uses dual wavelength optics and LTA (long
term adjustment) signal processing technology
to deliver industry leading long-term accuracy
and reliability. These technology features ensure
optimum measurement stability for both periodic
and constant occupancy applications, so the device
is equally suitable for a classroom or a hospital
room.
Standard features include a field selectable
output signal of either 4-20 mA, 0-5 Vdc or 0-10
Vdc for the highest versatility, programmable CO
2
measurement span, a backlit alpha-numeric LCD
and easy menu operation for configuration.
Optional features include a resistive temperature
sensor output (with LCD display of temperature
in either °C or °F), 2 button setpoint adjustment,
a control relay with programmable setpoint,
hysteresis and time delay, and a dry-contact
override switch.
TYPICAL INSTALLATION
For complete installation and wiring details,
please refer to the product installation
instructions.
The CD2RMC series can be mounted directly to
a single gang electrical box or directly to a wall.
The backplate includes many mounting hole
configurations to allow for mounting on a variety of
electrical boxes.
The basic CD2RMC has a 3 wire configuration with
a screw block terminal provided for connection to
the Building Automation System.
GAS TYPE DETECTED
Carbon Dioxide (CO
2)
SENSOR TYPE
Dual channel non-dispersive infrared (NDIR)
SENSOR ACCURACY
± (30ppm + 3% of measured value)
MEASUREMENT RANGE
0-2000ppm, adjustable 1000 - 10000ppm
TEMPERATURE DEPENDENCY
±2.5ppm/
°C
RESPONSE TIME
20 seconds (T63)
WARM-UP TIME
1 minute
SENSOR COVERAGE AREA
100 m2 (1000ft2) typical
SENSOR LIFE SPAN
>15 years
TRANMSITTER ACCURACY
±0.25% of span (including linearity, hysteresis and repeatability)
POWER SUPPLY
24 Vdc ±20% or 24 Vac ±10% (non-isolated half-wave rectified)
PROTECTION CIRCUITRY
Reverse voltage protected and transient protected
INPUT VOLTAGE EFFECT
Negligible over specified operating range
OUTPUT SIGNAL TYPE
4-20 mA (3-wire), 0-5 or 0-10 Vdc (field selectable)
CURRENT CONSUMPTION
Current: 75 mA @ 24 Vdc max, 150 mA @ 24 Vac max
Voltage: 50 mA @ 24 Vdc max, 100 mA @ 24 Vac max
OUTPUT DRIVE @ 24 VDC
Current: 550Ω max
Voltage: 10,000Ω min
AMBIENT OPERATING RANGE
0 to 50°C (32 to 122°F), 0 to 95 %RH non-condensing
STORAGE TEMPERATURE
-40 to 70°C (-40 to 158°F)
LCD DISPLAY
Units: ppm (CO
2), °C/°F (optional temperature/setpoint)
Range: 0 to 10000ppm, 0 to 50°C (32 to 122°F)
Size: 35mm W x 15mm H (1.4” x 0.6”), 2 lin x 8 character, alpha-numeric
Digit Height: 2-line x 8 character
OPTIONAL TEMPERATURE SENSOR Type: Thermistor and RTD (see ordering chart)
Accuracy: See ordering chart
Output: 2-wire resistive
OPTIONAL RELAY
(2-WIRE OUTPUT)
Rating: Form A (N.O.), 2 Amps @ 140 Vac / 30 Vdc
OPTIONAL OVERRIDE SWITCH
(2-WIRE OUTPUT)
Rating: 50 mA @ 12 Vdc max
OPTIONAL SETPOINT CONTROL
Type: Front panel up/down pushbuttons
Range: ±10 resistive steps, range 16 to 26°C in 0.5°C increments or 60 to 80°F in 1°F
increments
Midpoint: Default 21°C/70°F, programmable 18 to 25°C (64 to 77°F)
Resolution: Programmable 0.5 / 1°C/°F
Action: Programmable direct or reverse acting
ENCLOSURE
Material: ABS, White
Dimensions: 84mm W x 119mm H x 29mm D (3.3” x 4.7” x 1.15”)
Protection: IP30 (NEMA 1)
WIRING
Screw terminal block (14 to 22 AWG)
APPROVALS
CE
COUNTRY OF ORIGIN
Canada
SPECIFICATIONS
NOTE: This CO
2 sensor incorporates a Self Calibration feature to correct CO2 sensor drift. This feature is
recommended for applications where the CO
2 level will be close to normal (400 ppm) at least one hour per
day. If the monitored space is occupied 24 hours or consistently maintains higher or lower levels of CO
2, it is
recommended that this feature be turned off, but yearly calibration will be required.
58 mm
2.3"
82.6 mm
3.25"
29 mm
1.15"
119 mm
4.7"
84 mm
3.3"


Similar Part No. - CD2RMC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CD2003GB ETC2-CD2003GB Datasheet
208Kb / 7P
FM/AM RADIO IC
CD2003GP ETC2-CD2003GP Datasheet
208Kb / 7P
FM/AM RADIO IC
logo
Bourns Electronic Solut...
CD2010-B140 BOURNS-CD2010-B140 Datasheet
437Kb / 4P
CD2010-B140 - Surface Mount Schottky Rectifier Diode
CD2010-B160 BOURNS-CD2010-B160 Datasheet
376Kb / 4P
CD2010-B160 - Surface Mount Schottky Rectifier Diode
logo
List of Unclassifed Man...
CD2015FC ETC2-CD2015FC Datasheet
137Kb / 2P
Low Resistance Precision Chip Resistors
More results

Similar Description - CD2RMC

ManufacturerPart #DatasheetDescription
logo
Greystone Energy System...
PS-CDD3X1 GREYSTONE-PS-CDD3X1 Datasheet
436Kb / 2P
ROOM CARBON DIOXIDE DETECTOR WITH BACnet® OR MODBUS COMMUNICATIONS
PS-GDT GREYSTONE-PS-GDT Datasheet
892Kb / 4P
CARBON MONOXIDE/NITROGEN DIOXIDE DETECTOR
GDT GREYSTONE-GDT Datasheet
892Kb / 4P
CARBON MONOXIDE/NITROGEN DIOXIDE DETECTOR
CD2DT GREYSTONE-CD2DT Datasheet
271Kb / 2P
DUCT CARBON DIOXIDE TRANSMITTER
CD2OS GREYSTONE-CD2OS Datasheet
306Kb / 2P
OUTSIDE CARBON DIOXIDE TRANSMITTER
CDD3X1 GREYSTONE-CDD3X1 Datasheet
436Kb / 2P
ROOM CARBON DIOXIDE DETECTOR WITH BACnet® OR MODBUS COMMUNICATIONS
CDD5X1 GREYSTONE-CDD5X1 Datasheet
402Kb / 2P
ROOM CARBON DIOXIDE DETECTOR
CDDT GREYSTONE-CDDT Datasheet
314Kb / 2P
DUCT CARBON DIOXIDE TRANSMITTER
CEDT GREYSTONE-CEDT Datasheet
421Kb / 2P
DUCT CARBON DIOXIDE TRANSMITTER
CERMC GREYSTONE-CERMC Datasheet
171Kb / 2P
ROOM CARBON DIOXIDE TRANSMITTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com