Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DPFS Datasheet(PDF) 1 Page - Greystone Energy Systems Inc.

Part # DPFS
Description  DIFFERENTIAL PRESSURE FLOW SENSOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREYSTONE [Greystone Energy Systems Inc.]
Direct Link  http://greystoneenergy.com/
Logo GREYSTONE - Greystone Energy Systems Inc.

DPFS Datasheet(HTML) 1 Page - Greystone Energy Systems Inc.

  DPFS Datasheet HTML 1Page - Greystone Energy Systems Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PRINTED IN CANADA
Copyright © Greystone Energy Systems Inc. All Rights Reserved
www.greystoneenergy.com
PS-DPFSXXX-02
Greystone Energy Systems, Inc.
150 English Drive, Moncton,
New Brunswick, Canada E1E 4G7
Ph: +1 (506) 853-3057 Fax: +1(506) 853-6014
North America: 1-800-561-5611
E-mail: mail@greystoneenergy.com
DIFFERENTIAL PRESSURE FLOW SENSOR
DPFS SERIES
PRODUCT DESCRIPTION
The DPFS sensors are designed to sense differential
pressure in the inlet section of VAV (Variable Air
Volume) terminal units and fan terminal units. They
can also be used to sense differential pressure at
other locations in the main or branch duct systems.
The differential pressure read between the high “H”
port and the low “L” port can be used to determine
the air flow. Models offer up to nine sensing points
and sensing lengths of 8.02 to 55.01 cm (3-5/32 to
21-21/32”) to accommodate box size diameters of
10 to 76 cm (4 to 30”).
TYPICAL INSTALLATION
For complete installation and wiring details, please refer to the product installation instructions.
1.
Install the unit horizontally to assure accurate velocity readings for units ranging from 8.02 to 25.26 cm (3-5/32˝ to 9-29/32˝). If using a unit longer than the
DPFS5, which is 25.26 cm (9-29/32˝), vertical mounting is recommended.
2.
Determine the duct’s flow direction and install the Series DPFS based on the unit’s flow arrow imprint.
3.
Cut a 2.25 cm (7/8˝) hole in the ducting to accept the unit.
4.
Attach using two self-tapping screws inserted in the 4.75 mm (3/16˝) mounting holes.
The Series DPFS utilizes 6.35 mm (1/4˝) ID, 9.5 mm (3/8˝) OD tubing. First check that there are no sharp bends in the tubing at any connection. Bends and creases
may leak overtime as the tubing ages. Connect the “H” Port to the high input on the differential pressure gage, transmitter,or switch. Connect the “L” Port to the
low input on the differential pressure gage, transmitter,or switch. It may be necessary to calibrate in order to insure an accurate measurement. You can do this by
completing a traverse of the duct or fan to determine the delta P sensed by the DPFS vs. the actual flow.
MATERIAL
Light grey ABS/Polycarbonate, UL94-5V
MOUNTING
Integral flange with gasket
CONNECTION
6.35 mm (0/4”) nipple for 9.5 mm (3/8”) OD polyethylene tubing
OPERATING TEMPERATURE
4 to 49°C (40 to 120°F)
WEIGHT
28 grams (1 oz)
12” up - Welded Construction
APPROVALS
RoHS compliant
PROBE DIAMETER
6 mm (0.236”)
COUNTRY OF ORIGIN
Canada
SPECIFICATIONS
PRODUCT
DPFS
Differential Pressure Flow Sensor
SENSOR
2
4
5
6
7
8
9
10
8.02 cm (3-5/32”)
19.55 cm (7-21/32”)
25.26 cm (9-29/32”)
31.75 cm (12-1/2”)
37.47 cm (14-3/4”)
43.50 cm (17-1/8”)
49.29 cm (19-13/32”)
55.01 cm (21-21/32”)
ORDERING
DPFS
PART NUMBER
NOTE: Greystone Energy Systems, Inc. reserves the right to make design modifications without prior notice.
57.15 mm
1.25”
88.9 mm
3.5”
69.85 mm
2.75”
11.11 mm
0.4375”
Puch-on connections for 9.53 mm
(3/8”) OD poly tubing
Various Probe Lengths
See Ordering Chart
Foam Gasket 6.35 mm (1.4”) thick
Mounting Holes
2X ø 3/16 [ø4.76]


Similar Part No. - DPFS

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
DPF SENSATA-DPF Datasheet
296Kb / 2P
DIESEL PARTICULATE FILTER (DPF) TEMPERATURE
Rev:09/11/18
DPF SENSATA-DPF Datasheet
335Kb / 2P
DIESEL PARTICULATE FILTER (DPF) DELATE PRESSURE
Rev:09/20/18
logo
TALEMA Group. LLC
DPF--1.0-22 TALEMA-DPF--1.0-22 Datasheet
105Kb / 4P
Low Cost Power Inductors
DPF--1.0-33 TALEMA-DPF--1.0-33 Datasheet
105Kb / 4P
Low Cost Power Inductors
DPF-0.5-100 TALEMA-DPF-0.5-100 Datasheet
105Kb / 4P
Low Cost Power Inductors
More results

Similar Description - DPFS

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDS6-77B FUJI-EDS6-77B Datasheet
247Kb / 8P
OPTICAL DIFFERENTIAL PRESSURE/ FLOW TRANSMITTER
EDS6-125 FUJI-EDS6-125 Datasheet
138Kb / 8P
OPTICAL DIFFERENTIAL PRESSURE (FLOW) TRANSMITTER
EDSX6-114J FUJI-EDSX6-114J Datasheet
160Kb / 12P
DIFFERENTIAL PRESSURE (FLOW) TRANSMITTER
EDSX6-124D FUJI-EDSX6-124D Datasheet
116Kb / 8P
DIFFERENTIAL PRESSURE (FLOW) TRANSMITTER
EDSX6-134H FUJI-EDSX6-134H Datasheet
318Kb / 12P
DIFFERENTIAL PRESSURE (FLOW) TRANSMITTER
logo
Omron Electronics LLC
E8Y OMRON-E8Y Datasheet
798Kb / 9P
Differential Pressure Sensor
logo
Silicon Microstructures...
SM5391-BBE-S-001-000 SMI-SM5391-BBE-S-001-000 Datasheet
275Kb / 1P
Differential Pressure Sensor
SM5391-BCE-S-001-000 SMI-SM5391-BCE-S-001-000 Datasheet
372Kb / 1P
Differential Pressure Sensor
SM5391-BCE-S-001-001 SMI-SM5391-BCE-S-001-001 Datasheet
373Kb / 1P
Differential Pressure Sensor
SM7391-BCE-S-014-000 SMI-SM7391-BCE-S-014-000 Datasheet
372Kb / 1P
Differential Pressure Sensor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com