Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MATISX Datasheet(PDF) 2 Page - Mantra Softech India Pvt Ltd. All Rights Reserved.

Part # MATISX
Description  Dual IRIS Scanner
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MANTRA [Mantra Softech India Pvt Ltd. All Rights Reserved.]
Direct Link  https://www.mantratec.com
Logo MANTRA - Mantra Softech India Pvt Ltd. All Rights Reserved.

MATISX Datasheet(HTML) 2 Page - Mantra Softech India Pvt Ltd. All Rights Reserved.

  MATISX Datasheet HTML 1Page - Mantra Softech India Pvt Ltd. All Rights Reserved. MATISX Datasheet HTML 2Page - Mantra Softech India Pvt Ltd. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
z
MATISX is a rugged, portable and easy-to-use dual-iris capture device that can
simultaneously capture both irises with higher accuracy and greater speed. The innovative
dual iris scanner is packed with compelling features that make the device suitable for
diverse biometric enrollment and identification applications.
www.mantratec.com
MANTRA
At a Glance
Dual IRIS Scanner
MATISX
Simultaneous Capture
IRIS Diameter
Spatial Resolution
Pixel Resolution
: Dual IRIS Capture
: > 210 Pixel
: > 60 % @ 4.0 LP/mm
: > 20 Pixel/mm
Parameters
Specification
IRIS Sensor
Image Margins
Pixel Depth
Imaging Wavelength
Frame Rate
: Left
& Right >= 0.5x IRIS Diameter, Top & Bottom >= 0.25x IRIS Diameter
: 8 Bits/Pixel (256 Gray Level)
: 700 - 900 nm
: >=10 Frames/Sec
Scan Type
Sensor SNR
Capture Mode
Illumination
: Progressive
: > 36 dB
: Auto Capture with Built-in Quality Check
: Near Infra Red (NIR)
Capture Distance
Capture Volume (WxHxD)
Exposure Time
: > 100mm from the Front of Camera mirror
: 30 x 22.5 x15 mm
: < 33ms
Interface
Operating Voltage
Current Consumption
Operating Temperature
Operating Humidity
ESD Protection
Device Dimension
Device Weight
: USB2.0 High Speed (USB-IF Certified)*
: 5V +/- 5%
: 0 to 50 °C
: 10-90% RH, Non-Condensing
: 185 x 145 x 62 mm
: +/-4kV (Contact Discharge), +/-8kV (Air Discharge)
: Operating :- < 350 mA (Max) , Stand By :- < 160 mA (Max)
: 0.41Kg
Parameters
Specification
Hardware
Operating System
: Windows x86 and x64, Linux
Parameters
Specification
Platform
Biometric Data Interchange Format
EMI / EMC Compliance
Environmental, Health and Safety
Safety
Ingress Protection Rating
Device Driver
: ISO 19794-6 for IRIS Image, ISO 29794-6 for image quality
: CE
& FCC Part 15B class B*
: IP65*
: WHQL Certified
: ROHS*
: Exempt Group per IEC 62471:2006-07, IS13252 (Part 1)*
Parameters
Specification
Certifications
*Certi
fications are Under Process



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com