Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4100FLW Datasheet(PDF) 2 Page - Belden Inc.

Part # 4100FLW
Description  Security & Sound, 2 Conductor 14 AWG BC, LSZH, Shielded, Cca
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

4100FLW Datasheet(HTML) 2 Page - Belden Inc.

  4100FLW Datasheet HTML 1Page - Belden Inc. 4100FLW Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
250 pF/m
450 pF/m
Current
Max. Recommended Current [A]
8 A
Voltage
Voltage Rating [V]
300 V
Temperature Range
Installation Temperature Range:
-20°C To +70°C
Storage Temperature Range:
-30°C To +70°C
Operating Temperature Range:
-20°C To +70°C
Mechanical Characteristics
Max. Pull Tension:
200 N
Min. Bend Radius During Installation:
68 mm
Min Setting Radius:
34 mm
Standards
CPR Euroclass:
Cca-s1a,d1,a1
Applicable Environmental and Other Programs
Environmental Space:
Indoor - Euroclass Cca
Suitability
Suitability - Indoor:
Yes
Suitability - Non-Halogenated:
Yes
Flammability, LS0H, Toxicity Testing
IEC Flammability:
IEC 60332-1-2
IEC 60754-1 - Halogen Amount:
Zero
IEC 60754-2 - Halogen Acid Gas Amount - Max. Conductivity:
2.5 µS/mm
IEC 60754-2 - Halogen Acid Gas Amount - Min. pH:
4.3
IEC 61034-2 - Smoke Density Min. Transmittance:
80%
Related Part Numbers
Variants
Item #
Color Put-Up Type Length
EAN
4100FLW.00500 Gray
Reel
500 m
8719605177582
History
Update and Revision:
Revision Number: 0.59 Revision Date: 11-09-2022
© 2023 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications described here in are subject to error or omission and to change without
notice, and the listing of such information and specifications does not ensure product availability.
Belden provides the information and specifications herein on an "ASIS" basis, with no representations or warranties, whether express, statutory or implied. In no event will Belden be liable for any damages
(including consequential, indirect, incidental, special, punitive, or exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with all applicable environmental programs as listed in the data sheet. The information provided is correct to the best of Belden's knowledge, information and belief
at the date of its publication. This information is designed only as a general guide for the safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. The Product
Disclosure is not to be considered a warranty or quality specification. Regulatory information is for guidance purposes only. Product users are responsible for determining the applicability of legislation and
regulations based on their individual usage of the product.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com