Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPIT05030F-R33M Datasheet(PDF) 1 Page - Transko Electronics, Inc.

Part # TMPIT05030F-R33M
Description  Power Inductor SMD (5.4 X 6.0 X 3.0 mm)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.

TMPIT05030F-R33M Datasheet(HTML) 1 Page - Transko Electronics, Inc.

  TMPIT05030F-R33M Datasheet HTML 1Page - Transko Electronics, Inc. TMPIT05030F-R33M Datasheet HTML 2Page - Transko Electronics, Inc. TMPIT05030F-R33M Datasheet HTML 3Page - Transko Electronics, Inc. TMPIT05030F-R33M Datasheet HTML 4Page - Transko Electronics, Inc. TMPIT05030F-R33M Datasheet HTML 5Page - Transko Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TMPIT05030F Series
3981 E. Miraloma Ave. Anaheim, CA 92806 USA
Tel: 714-528-8000
www.transko.com
sales@transko.com
Rev 1: 09
-
04
-
2018
Power Inductor SMD (5.4 X 6.0 X 3.0 mm)
•
Iron Powder Molding
•
Low DCR
•
Shielded Construction
•
Low acoustic noise
•
Halogen Free RoHS compliant
FEATURES
SPECIFICATION
TMPIT05030F-R22M
0.22±20%
4.40 (3.70)
21.0
15.5
TMPIT05030F-R33M
0.33±20%
5.00 (4.30)
18.0
14.0
TMPIT05030F-R47M
0.47±20%
7.40 (6.40)
16.0
12.0
TMPIT05030F-R56M
0.56±20%
10.0 (8.00)
15.0
10.0
TMPIT05030F-R68M
0.68±20%
12.0 (10.0)
14.0
8.5
TMPIT05030F-1R0M
1.0±20%
14.0 (13.0)
11.0
7.0
TMPIT05030F-1R5M
1.5±20%
25.0 (16.0)
10.0
6.0
TMPIT05030F-2R2M
2.2±20%
35.0 (25.0)
9.0
5.5
TMPIT05030F-3R3M
3.3±20%
38.0 (32.0)
8.0
5.0
TMPIT05030F-4R7M
4.7±20%
53.0 (50.0)
6.0
4.6
TMPIT05030F-5R6M
5.6±20%
63.0 (55.0)
4.5
4.25
TMPIT05030F-6R8M
6.8±20%
76.2 (68.0)
4.3
4.0
TMPIT05030F-100M
10±20%
128 (110)
3.5
2.75
TMPIT05030F-150M
15±20%
190 (165)
2.6
2.1
TMPIT05030F-220M
22±20%
250 (220)
1.7
1.9
TMPIT05030F-330M
33±20%
440 (380)
1.6
1.6
DC Resistance (mΩ)
Rated DC Current (A) Typ.
Part No.
Inductance (µH)
Max. (Typ.)
•
Measurement frequency of Inductance value : 100KHz, 1V
DIMENSION
SOLDER PATTERN
SCHEMATIC
A
B
C
D
E
G
H
I
5.40 Max
6.00 Max
3.00 Max
1.50 ±0.3
1.20 Ref
6.20
2.00
2.50
mm
XXX


Similar Part No. - TMPIT05030F-R33M

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TMPIT03020F TRANSKO-TMPIT03020F Datasheet
629Kb / 5P
Power Inductor SMD (3.2 X 3.7 X 2.0 mm)
Rev 3: 07-30-2020
TMPIT03020F-100 TRANSKO-TMPIT03020F-100 Datasheet
629Kb / 5P
Power Inductor SMD (3.2 X 3.7 X 2.0 mm)
Rev 3: 07-30-2020
TMPIT03020F-1R0 TRANSKO-TMPIT03020F-1R0 Datasheet
629Kb / 5P
Power Inductor SMD (3.2 X 3.7 X 2.0 mm)
Rev 3: 07-30-2020
TMPIT03020F-1R5 TRANSKO-TMPIT03020F-1R5 Datasheet
629Kb / 5P
Power Inductor SMD (3.2 X 3.7 X 2.0 mm)
Rev 3: 07-30-2020
TMPIT03020F-2R2 TRANSKO-TMPIT03020F-2R2 Datasheet
629Kb / 5P
Power Inductor SMD (3.2 X 3.7 X 2.0 mm)
Rev 3: 07-30-2020
More results

Similar Description - TMPIT05030F-R33M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VCD6 ETC1-VCD6 Datasheet
233Kb / 2P
14.4 x 9.8 x 6.0 mm 6 pin SMD
logo
TAITIEN ELECTRONICS CO....
AT-0012-XR TAITIEN-AT-0012-XR Datasheet
242Kb / 1P
6.0 x 3.5 mm SMD Crystal
logo
Transko Electronics, In...
TMPIC04020F TRANSKO-TMPIC04020F Datasheet
1Mb / 4P
Power Inductor SMD (4.45 X 4.75 X 2.00 mm)
Rev 1: 05-09-2018
TMPIC252012F TRANSKO-TMPIC252012F Datasheet
309Kb / 3P
Power Inductor SMD (2.5 X 2.0 X 1.2 mm)
Rev 1: 02-04-2020
TMPIT04020AF TRANSKO-TMPIT04020AF Datasheet
285Kb / 2P
Power Inductor SMD (4.10 X 4.10 X 1.90 mm)
Rev 1: 05-21-2020
TMPIT07030AF TRANSKO-TMPIT07030AF Datasheet
368Kb / 4P
Power Inductor SMD (6.6 X 6.4 X 3.1 mm)
Rev 1: 05-21-2020
TP0705BF TRANSKO-TP0705BF Datasheet
618Kb / 3P
Power Inductor SMD (7.80 X 7.00 X 5.00 mm)
Rev 3: 09-11-2019
TPRH10D40F TRANSKO-TPRH10D40F Datasheet
734Kb / 3P
Power Inductor SMD (10.10 X 10.0 X 3.8 mm)
Rev 1: 04-27-2018
TPRH1207F TRANSKO-TPRH1207F Datasheet
664Kb / 3P
Power Inductor SMD (12.0 X 12.0 X 8.0 mm)
Rev 1: 10-02-2018
TRSI6045F TRANSKO-TRSI6045F Datasheet
680Kb / 3P
Resin Shielded Inductor SMD (6.0 X 6.0 X 4.5mm)
Rev 2: 10-28-2019
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com