Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPIT04020AF-R72M Datasheet(PDF) 1 Page - Transko Electronics, Inc.

Part # TMPIT04020AF-R72M
Description  Power Inductor SMD (4.10 X 4.10 X 1.90 mm)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.

TMPIT04020AF-R72M Datasheet(HTML) 1 Page - Transko Electronics, Inc.

  TMPIT04020AF-R72M Datasheet HTML 1Page - Transko Electronics, Inc. TMPIT04020AF-R72M Datasheet HTML 2Page - Transko Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TMPIT04020AF Series
3981 E. Miraloma Ave. Anaheim, CA 92806 USA
Tel: 714-528-8000
www.transko.com
sales@transko.com
Rev 1: 05-21-2020
Power Inductor SMD (4.10 X 4.10 X 1.90 mm)
FEATURES
•
Iron Powder and ferrite composite
•
Very low DCR
•
Shielded Construction
•
High current
•
Halogen Free RoHS compliant
•
Equivalent to Coilcraft XAL4020
SPECIFICATION
Inductance
DC Resistance
Isat A typ.
Irms A typ.
Part No.
μH
mΩ Max. (Typ.)
TMPIT04020AF-R10M
0.10±20%
2.42 (2.2)
38.0
13.5
18.0
TMPIT04020AF-R22M
0.22±20%
4.6 (4.1)
19.5
13.0
16.8
TMPIT04020AF-R36M
0.36±20%
6.3 (5.6)
17.0
11.0
14.5
TMPIT04020AF-R40M
0.40±20%
7.73 (6.9)
15.5
10.0
14.0
TMPIT04020AF-R56M
0.56±20%
9.30 (8.4)
14.0
8.5
12.0
TMPIT04020AF-R60M
0.60±20%
9.52 (8.6)
13.7
8.0
11.7
TMPIT04020AF-R72M
0.72±20%
11.6 (10.4)
12.0
7.6
10.5
TMPIT04020AF-1R0M
1.00±20%
14.6 (13.3)
9.6
6.8
9.6
TMPIT04020AF-1R2M
1.20±20%
17.9 (16.2)
9.0
6.6
9.0
TMPIT04020AF-1R5M
1.50±20%
23.5 (21.0)
8.0
5.8
7.6
TMPIT04020AF-1R8M
1.80±20%
28.0 (25.0)
7.5
5.2
7.0
TMPIT04020AF-2R2M
2.20±20%
38.7 (35.2)
6.5
4.6
5.6
•
Measurement frequency of Inductance value : 100KHz, 0.1V
DIMENSION
SOLDER PATTERN
SCHEMATIC
A
B
C
D
E
F
G
H
L
4.10 ±0.20
4.10 ±0.20
1.90±0.20
3.40 ±0.3
0.90 ±0.3
1.60 ±0.3
1.40
3.80
mm
3.40


Similar Part No. - TMPIT04020AF-R72M

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TMPIT03020F TRANSKO-TMPIT03020F Datasheet
629Kb / 5P
Power Inductor SMD (3.2 X 3.7 X 2.0 mm)
Rev 3: 07-30-2020
TMPIT03020F-100 TRANSKO-TMPIT03020F-100 Datasheet
629Kb / 5P
Power Inductor SMD (3.2 X 3.7 X 2.0 mm)
Rev 3: 07-30-2020
TMPIT03020F-1R0 TRANSKO-TMPIT03020F-1R0 Datasheet
629Kb / 5P
Power Inductor SMD (3.2 X 3.7 X 2.0 mm)
Rev 3: 07-30-2020
TMPIT03020F-1R5 TRANSKO-TMPIT03020F-1R5 Datasheet
629Kb / 5P
Power Inductor SMD (3.2 X 3.7 X 2.0 mm)
Rev 3: 07-30-2020
TMPIT03020F-2R2 TRANSKO-TMPIT03020F-2R2 Datasheet
629Kb / 5P
Power Inductor SMD (3.2 X 3.7 X 2.0 mm)
Rev 3: 07-30-2020
More results

Similar Description - TMPIT04020AF-R72M

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TMPIC04020F TRANSKO-TMPIC04020F Datasheet
1Mb / 4P
Power Inductor SMD (4.45 X 4.75 X 2.00 mm)
Rev 1: 05-09-2018
TMPIC252012F TRANSKO-TMPIC252012F Datasheet
309Kb / 3P
Power Inductor SMD (2.5 X 2.0 X 1.2 mm)
Rev 1: 02-04-2020
TMPIT07030AF TRANSKO-TMPIT07030AF Datasheet
368Kb / 4P
Power Inductor SMD (6.6 X 6.4 X 3.1 mm)
Rev 1: 05-21-2020
TP0403BF TRANSKO-TP0403BF Datasheet
655Kb / 3P
Power Inductor SMD (4.50 X 4.00 X 3.20 mm)
Rev 1: 03-05-2019
TP0705BF TRANSKO-TP0705BF Datasheet
618Kb / 3P
Power Inductor SMD (7.80 X 7.00 X 5.00 mm)
Rev 3: 09-11-2019
TPOS3316F TRANSKO-TPOS3316F Datasheet
334Kb / 3P
Power Inductor SMD (13.0 X 9.5 X 5.21 mm)
Rev 1: 05-29-2018
TPQH201610TF-R TRANSKO-TPQH201610TF-R Datasheet
686Kb / 3P
Power Inductor SMD (2.0 X 1.6 X 1.0 mm)
Rev 1: 09-18-2018
TPQH252012HF-R TRANSKO-TPQH252012HF-R Datasheet
776Kb / 3P
Power Inductor SMD (2.5 X 2.0 X 1.2 mm)
Rev 1: 03-07-2019
TPRH10D40F TRANSKO-TPRH10D40F Datasheet
734Kb / 3P
Power Inductor SMD (10.10 X 10.0 X 3.8 mm)
Rev 1: 04-27-2018
TPRH1207F TRANSKO-TPRH1207F Datasheet
664Kb / 3P
Power Inductor SMD (12.0 X 12.0 X 8.0 mm)
Rev 1: 10-02-2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com