Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPI07030F-R82M Datasheet(PDF) 1 Page - Transko Electronics, Inc.

Part # TPI07030F-R82M
Description  Power Inductor SMD (6.8 X 7.3 X 3.0mm)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.

TPI07030F-R82M Datasheet(HTML) 1 Page - Transko Electronics, Inc.

  TPI07030F-R82M Datasheet HTML 1Page - Transko Electronics, Inc. TPI07030F-R82M Datasheet HTML 2Page - Transko Electronics, Inc. TPI07030F-R82M Datasheet HTML 3Page - Transko Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TPI07030F SERIES
3981 E. Miraloma Ave. Anaheim, CA 92806 USA
Tel: 714-528-8000
www.transko.com
sales@transko.com
Rev 1: 02
-
14
-
2018
Power Inductor SMD (6.8 X 7.3 X 3.0mm)
•
Shielded construction
•
Low acoustic noise
•
Powdered iron molding
•
Halogen Free RoHS compliant
FEATURES
TPI07030F-R10M
0.10
±20%
1.7 (1.5 )
60
32.5
TPI07030F-R15M
0.15
±20%
2.5 (1.9)
52
26
TPI07030F-R20M
0.20
±20%
3.0 (2.4)
41
24
TPI07030F-R22M
0.22
±20%
2.8 (2.5)
40
23
TPI07030F-R33M
0.33
±20%
3.9 (3.5)
30
20
TPI07030F-R47M
0.47
±20%
4.2 (4.0)
26
17.5
TPI07030F-R68M
0.68
±20%
5.5 (5.0)
25
15.5
TPI07030F-R82M
0.82
±20%
8.0 (6.7)
24
13
TPI07030F-1R0M
1.0
±20%
10 (9.0)
22
11
TPI07030F-1R5M
1.5
±20%
15 (14)
18
9.0
TPI07030F-2R2M
2.2
±20%
20 (18)
14
8.0
TPI07030F-3R3M
3.3
±20%
30 (28)
13.5
6.0
TPI07030F-4R7M
4.7
±20%
40 (37)
10.0
5.5
TPI07030F-5R6M
5.6
±20%
54 (48)
7.5
5.0
TPI07030F-6R8M
6.8
±20%
60 (54)
8.0
4.5
TPI07030F-8R2M
8.2
±20%
68 (64)
7.5
4.0
TPI07030F-100M
10
±20%
105 (102)
7.0
3.0
TPI07030F-150M
15
±20%
175 (152)
4.0
2.5
TPI07030F-220M
22
±20%
230 (210)
3.0
2.0
TPI07030F-330M
33
±20%
380 (340)
2.5
1.5
TPI07030F-470M
47
±20%
580 (550)
2.5
1.25
DC Resistance (mΩ)
Rated DC Current (A) Typ.
Part No.
Inductance (µH)
Tolerance (%)
Max. (Typ.)
•
Measurement frequency of Inductance value : at 100KHz, 0.25V
•
Test equipment: CH1062A / CH1320
DIMENSION
SOLDER PATTERN
SCHEMATIC
A
B
C
D
E
G
H
I
6.80 Max
7.30 Max
3.00 Max
3.00 ±0.3
1.5 Ref
8.00 Ref
3.45 Ref
3.70 Ref
mm
XXX
XXXX
SPECIFICATION


Similar Part No. - TPI07030F-R82M

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TPI07050F TRANSKO-TPI07050F Datasheet
779Kb / 3P
Power Inductor SMD (6.8 X 7.3 X 5.0mm)
Rev 1: 01-31-2018
TPI07050F-100M TRANSKO-TPI07050F-100M Datasheet
779Kb / 3P
Power Inductor SMD (6.8 X 7.3 X 5.0mm)
Rev 1: 01-31-2018
TPI07050F-1R0M TRANSKO-TPI07050F-1R0M Datasheet
779Kb / 3P
Power Inductor SMD (6.8 X 7.3 X 5.0mm)
Rev 1: 01-31-2018
TPI07050F-1R5M TRANSKO-TPI07050F-1R5M Datasheet
779Kb / 3P
Power Inductor SMD (6.8 X 7.3 X 5.0mm)
Rev 1: 01-31-2018
TPI07050F-2R2M TRANSKO-TPI07050F-2R2M Datasheet
779Kb / 3P
Power Inductor SMD (6.8 X 7.3 X 5.0mm)
Rev 1: 01-31-2018
More results

Similar Description - TPI07030F-R82M

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
HSR43 EUROQUARTZ-HSR43 Datasheet
157Kb / 1P
11.4 x 9.6 x 3.0mm SMD
logo
Transko Electronics, In...
TMPIC04020F TRANSKO-TMPIC04020F Datasheet
1Mb / 4P
Power Inductor SMD (4.45 X 4.75 X 2.00 mm)
Rev 1: 05-09-2018
TMPIC05030F TRANSKO-TMPIC05030F Datasheet
1Mb / 4P
Power Inductor SMD (5.0 X 5.5 X 3.0mm)
Rev 1: 02-06-2018
TMPIC07030F TRANSKO-TMPIC07030F Datasheet
625Kb / 3P
Power Inductor SMD (6.8 X 7.3 X 3.0mm)
Rev 2: 04-15-2019
TMPIT07030AF TRANSKO-TMPIT07030AF Datasheet
368Kb / 4P
Power Inductor SMD (6.6 X 6.4 X 3.1 mm)
Rev 1: 05-21-2020
TP0705BF TRANSKO-TP0705BF Datasheet
618Kb / 3P
Power Inductor SMD (7.80 X 7.00 X 5.00 mm)
Rev 3: 09-11-2019
TPI07050F TRANSKO-TPI07050F Datasheet
779Kb / 3P
Power Inductor SMD (6.8 X 7.3 X 5.0mm)
Rev 1: 01-31-2018
TPI10040F TRANSKO-TPI10040F Datasheet
781Kb / 3P
Power Inductor SMD (10.3 X 11.5 X 4.0mm)
Rev 1: 05-09-2018
TPRH10D40F TRANSKO-TPRH10D40F Datasheet
734Kb / 3P
Power Inductor SMD (10.10 X 10.0 X 3.8 mm)
Rev 1: 04-27-2018
TPRH6D38F TRANSKO-TPRH6D38F Datasheet
745Kb / 3P
Power Inductor SMD (6.7 X 6.7 X 4.0mm)
Rev 2: 10-22-2019
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com