Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPI13067F-R47M Datasheet(PDF) 6 Page - Transko Electronics, Inc.

Part # TPI13067F-R47M
Description  Power Inductor SMD (12.90 X 14.00 X 6.70 mm)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.

TPI13067F-R47M Datasheet(HTML) 6 Page - Transko Electronics, Inc.

  TPI13067F-R47M Datasheet HTML 1Page - Transko Electronics, Inc. TPI13067F-R47M Datasheet HTML 2Page - Transko Electronics, Inc. TPI13067F-R47M Datasheet HTML 3Page - Transko Electronics, Inc. TPI13067F-R47M Datasheet HTML 4Page - Transko Electronics, Inc. TPI13067F-R47M Datasheet HTML 5Page - Transko Electronics, Inc. TPI13067F-R47M Datasheet HTML 6Page - Transko Electronics, Inc. TPI13067F-R47M Datasheet HTML 7Page - Transko Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
TPI13067F SERIES
3981 E. Miraloma Ave. Anaheim, CA 92806 USA
Tel: 714-528-8000
www.transko.com
sales@transko.com
Rev 1: 05
-
09
-
2018
REEL DIMENSIONS (250 pcs per reel)
W1
24.00 ±0.3
G
2.00 ±0.1
B0
13.9 Ref
I
1.75 ±0.1
P1
22.0 ±0.1
K0
7.00 ±0.1
F
11.50 ±0.1
A0
13.2 Ref
P
4.00 ±0.1
T
0.40 ±0.05
A
B
mm
24.5 ±0.2
2.00 ±0.2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com