Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6002 Datasheet(PDF) 7 Page - Linear Technology

Part # LT6002
Description  Single, Dual and Quad, 1.8V, 13uA Precision Rail-to-Rail Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6002 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT6002 Datasheet HTML 3Page - Linear Technology LT6002 Datasheet HTML 4Page - Linear Technology LT6002 Datasheet HTML 5Page - Linear Technology LT6002 Datasheet HTML 6Page - Linear Technology LT6002 Datasheet HTML 7Page - Linear Technology LT6002 Datasheet HTML 8Page - Linear Technology LT6002 Datasheet HTML 9Page - Linear Technology LT6002 Datasheet HTML 10Page - Linear Technology LT6002 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LT6000/LT6001/LT6002
7
600012fa
TYPICAL PERFOR A CE CHARACTERISTICS
Supply Current vs Supply Voltage
TOTAL SUPPLY VOLTAGE (V)
0
0
5
10
15
12
14
16
35
600012 G03
2468
10
18
20
25
30
TA = 125°C
TA = –55°C
TA = 25°C
VCM = 0.5V
TC VOS Distribution
VOS Distribution
Input Offset Voltage
vs Total Supply Voltage
TOTAL SUPPLY VOLTAGE (V)
0
–300
–100
–100
0
12
14
16
400
600012 G05
2468
10
18
100
200
300
TA = 125°C
TA = –55°C
TA = 25°C
VCM = 0.5V
TYPICAL PART
INPUT COMMON MODE VOLTAGE (V)
–200
0
200
400
–100
100
300
12
3
4
60012 G06
5
0.5
0
1.5
2.5
3.5
4.5
VS = 5V, 0V
TYPICAL PART
TA = 125°C
TA = 25°C
TA = –55°C
Input Bias Current
vs Common Mode Voltage
COMMON MODE VOLTAGE (V)
0
–5.0
–2.5
2.5
5.0
7.5
12.5
0.5
2.5
3.5
60012 G07
0
10.0
2
4.5
5
1
1.5
34
VS = 5V, 0V
TA = 125°C
TA = 25°C
TA = –55°C
Output Saturation Voltage
vs Load Current (Output High)
SOURCING LOAD CURRENT (mA)
0.001
0.01
0.1
1.0
0.1
1
0.01
10
60012 G08
TA = 25°C
TA = 125°C
TA = –55°C
VS = 5V, 0V
INPUT OVERDRIVE = 30mV
Output Saturation Voltage
vs Load Current (Output Low)
SINKING LOAD CURRENT (mA)
0.001
0.01
0.1
1.0
0.1
1
0.01
10
60012 G08
TA = 25°C
TA = 125°C
TA = –55°C
VS = 5V, 0V
INPUT OVERDRIVE = 30mV
Input Offset Voltage
vs Input Common Mode Voltage
INPUT OFFSET VOLTAGE (
µV)
0
10
20
30
5
15
25
–400
–200
0
200
60012 G01
600
400
–600
VS = 5V, 0V
VCM = 2.5V
MS8 PACKAGE
DISTRIBUTION (
µV/°C)
–5
12
16
20
3
20012 G02
8
4
10
14
18
6
2
0
–3
–4
–1
–2
12
4
0
5
VS = 5V, 0V
VCM = 2.5V
MS8, GN16,
DD10 PACKAGES
–40
°C TO 85°C
TOTAL SUPPLY VOLTAGE (V)
1
100
150
200
3
60012 G35
50
0
–100
1.5
2
2.5
–50
300
250
TA = 125°C
TA = 25°C
VCM = 0.5V
TA = –55°C
Change in Input Offset Voltage
vs Total Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com