Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSNF131 Datasheet(PDF) 1 Page - Honeywell Solid State Electronics Center

Part # CSNF131
Description  Solid State Sensors Closed Loop Current Sensors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

CSNF131 Datasheet(HTML) 1 Page - Honeywell Solid State Electronics Center

  CSNF131 Datasheet HTML 1Page - Honeywell Solid State Electronics Center CSNF131 Datasheet HTML 2Page - Honeywell Solid State Electronics Center CSNF131 Datasheet HTML 3Page - Honeywell Solid State Electronics Center CSNF131 Datasheet HTML 4Page - Honeywell Solid State Electronics Center CSNF131 Datasheet HTML 5Page - Honeywell Solid State Electronics Center CSNF131 Datasheet HTML 6Page - Honeywell Solid State Electronics Center CSNF131 Datasheet HTML 7Page - Honeywell Solid State Electronics Center CSNF131 Datasheet HTML 8Page - Honeywell Solid State Electronics Center CSNF131 Datasheet HTML 9Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Solid State Sensors
CSN Series
Closed Loop Current Sensors
60
Honeywell MICRO SWITCH Sensing and Control 1-800-537-6945 USA
1-815-235-6847 International 1-800-737-3360 Canada
FEATURES
Current sensing up to 1200 amps
Measures AC, DC and impulse
currents
Lowest cost/performance ratio
Rapid response, no overshoot
High overload capacity
High level of electrical isolation
between primary and secondary
circuits
Small size and weight
CLOSED LOOP SENSORS
Closed loop current sensors measure
AC, DC and impulse currents over 0-25,
0-50, 0-100, 0-600 and 0-1200 Amp rang-
es. The CSN Series is based on the princi-
ples of the Hall effect and the null balance
or zero magnetic flux method (feedback
system). The magnetic flux in the sensor
core is constantly controlled at zero. The
amount of current required to balance
zero flux is the measure of the primary
current flowing through the conductor,
multiplied by the ratio of the primary to
secondary windings. This closed loop
current is the output from the device and
presents an image of the primary current
reduced by the number of secondary
turns at any time. This current can be
expressed as a voltage by passing it
through a resistor.
CATALOG NUMBER SYSTEM
PLEASE NOTE: This matrix is intended
only to aid you in identifying sensor cata-
log listings. It is not all-inclusive, and must
not be used to form new listings.
Example: CSNA111
CSN Closed Loop Current Sensor
Current Range (Peak/RMS nom.)
A ±70 A/50 A rms nom.
B ±100 A/50 A rms nom.
C ±90 A/50 A rms nom.
D ±22 A/15 A rms nom.
E ±36 A/25 A rms nom.
F ±150 A/100 A rms nom.
J ±600 A/300 A rms nom.
K ±1200 A/500 A rms nom.
L ±600 A/300 A rms nom.
M ±1200 A/500 A rms nom.
P ±90 A/50 A rms nom.
R ±200 A/125 A rms nom.
T ±150 A/50 A rms nom.
Supply Voltage
1 ±15 V
2 ±13 V
3 ±5V
4 ±12Vto18V
5 ±15Vto24V
6 ±12Vto15V
Coil Characteristics
1 1:1000 turns/90 @ 70°C
2 1:2000 turns/160 @ 70°C
3 1:2000 turns/130 @ 70°C
4 1:1000 turns/50 @ 70°C
5 1:1000 turns/110 @ 70°C
6 1:1000 turns/30 @ 70°C
7 1:2000 turns/80 @ 70°C
8 1:2000 turns/25 @ 70°C
9 1:5000 turns/50 @ 85°C
Housing Material
1 Polycarbonate/ABS blend
PDFINFO
p a g e - 0 6 0


Similar Part No. - CSNF131

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
CSNF661 HONEYWELL-CSNF661 Datasheet
110Kb / 4P
CSN Series closed loop current sensor
More results

Similar Description - CSNF131

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LDA100 CLARE-LDA100 Datasheet
69Kb / 5P
Solid State Current Sensors
LDA101 CLARE-LDA101 Datasheet
68Kb / 5P
Solid State Current Sensors
LDA110 CLARE-LDA110 Datasheet
69Kb / 5P
Solid State Current Sensors
LDA111 CLARE-LDA111 Datasheet
69Kb / 5P
Solid State Current Sensors
LDA200 CLARE-LDA200 Datasheet
70Kb / 5P
Solid State Current Sensors
LDA201 CLARE-LDA201 Datasheet
70Kb / 5P
Solid State Current Sensors
LDA210 CLARE-LDA210 Datasheet
70Kb / 5P
Solid State Current Sensors
LDA211 CLARE-LDA211 Datasheet
70Kb / 5P
Solid State Current Sensors
logo
Texas Instruments
DRV411 TI-DRV411_15 Datasheet
1Mb / 34P
Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensors
logo
Honeywell Solid State E...
005999 HONEYWELL-005999 Datasheet
639Kb / 5P
Open Loop Current Sensors
10/22
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com