Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6000CDCB Datasheet(PDF) 12 Page - Linear Technology

Part # LT6000CDCB
Description  Single, Dual and Quad, 1.8V, 13uA Precision Rail-to-Rail Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6000CDCB Datasheet(HTML) 12 Page - Linear Technology

Back Button LT6000CDCB Datasheet HTML 8Page - Linear Technology LT6000CDCB Datasheet HTML 9Page - Linear Technology LT6000CDCB Datasheet HTML 10Page - Linear Technology LT6000CDCB Datasheet HTML 11Page - Linear Technology LT6000CDCB Datasheet HTML 12Page - Linear Technology LT6000CDCB Datasheet HTML 13Page - Linear Technology LT6000CDCB Datasheet HTML 14Page - Linear Technology LT6000CDCB Datasheet HTML 15Page - Linear Technology LT6000CDCB Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
LT6000/LT6001/LT6002
600012fa
12
APPLICATIO S I FOR ATIO
The input offset voltage changes depending on which
input stage is active; input offset voltage is trimmed on
both input stages, and is guaranteed to be 600
µV max in
the PNP stage. By trimming the input offset voltage of
both input stages, the input offset voltage over the entire
common mode range (CMRR) is typically 400
µV, main-
taining the precision characteristics of the amplifier.
The input stage of the LT6000/LT6001/LT6002 incorpo-
rates phase reversal protection to prevent wrong polarity
outputs from occurring when the inputs are driven up to
2V below the negative rail. 30k protective resistors are
included in the input leads so that current does not
become excessive when the inputs are forced below V– or
when a large differential signal is applied. Input current
should be limited to 10mA when the inputs are driven
above the positive rail.
Output
The output of the LT6000/LT6001/LT6002 can swing to
within 30mV of the positive rail with no load and within
30mV of the negative rail with no load. When monitoring
input voltages within 30mV of the positive rail or within
30mV of the negative rail, gain should be taken to keep
the output from clipping. The LT6000/LT6001/LT6002
can typically source 10mA on a single 5V supply, sourc-
ing current is reduced to 4mA on a single 1.8V supply as
noted in the electrical characteristics.
The normally reverse-biased substrate diode from the
output to V– will cause unlimited currents to flow when the
output is forced below V–. If the current is transient and
limited to 100mA, no damage will occur.
Start-Up and Output Saturation Characteristics
Micropower op amps are often not micropower during
start-up characteristics or during output saturation. This
can wreak havoc on limited current supplies, in the worst
case there may not be enough supply current available to
take the system up to nominal voltages. Also, when the
output saturates, the part may draw excessive current and
pull down the supplies, compromising rail-to-rail perfor-
mance. Figure 1 shows the start-up characteristics of the
LT6000/LT6001/LT6002 for three limiting cases. The cir-
cuits are shown in Figure 2. One circuit creates a positive
offset forcing the output to come up saturated high.
Another circuit creates a negative offset forcing the output
to come up saturated low, while the last circuit brings the
output up at 1/2 supply. In all cases, the supply current is
well controlled and is not excessive when the output is on
either rail.
SUPPLY VOLTAGE (V)
0
12
16
20
4
60012 F01
8
4
10
14
18
6
2
0
1
0.5
2
1.5
3
3.5
4.5
2.5
5
OUTPUT LOW
OUTPUT HIGH
OUTPUT AT VS/2
–
+
30mV
VS
Output High
–
+
VS/2
VS
60012 F02
Output at VS/2
–
+
30mV
VS
Output Low
Figure 1. Start-Up Characteristics
Figure 2. Circuits for Start-Up Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com