Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6000IDCB Datasheet(PDF) 13 Page - Linear Technology

Part # LT6000IDCB
Description  Single, Dual and Quad, 1.8V, 13uA Precision Rail-to-Rail Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6000IDCB Datasheet(HTML) 13 Page - Linear Technology

Back Button LT6000IDCB Datasheet HTML 9Page - Linear Technology LT6000IDCB Datasheet HTML 10Page - Linear Technology LT6000IDCB Datasheet HTML 11Page - Linear Technology LT6000IDCB Datasheet HTML 12Page - Linear Technology LT6000IDCB Datasheet HTML 13Page - Linear Technology LT6000IDCB Datasheet HTML 14Page - Linear Technology LT6000IDCB Datasheet HTML 15Page - Linear Technology LT6000IDCB Datasheet HTML 16Page - Linear Technology LT6000IDCB Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LT6000/LT6001/LT6002
13
600012fa
APPLICATIO S I FOR ATIO
The LT6000/LT6001/LT6002 outputs can swing to within
a respectable 30mV of each rail and draw virtually no
excessive supply current. Figure 3 compares the dual
LT6001 to a competitive part. Both op amps are in unity
gain and their outputs are driven into each rail. The supply
current is shown when the op amps are in linear operation
and when they are driven into each rail. As can be seen
from Figure 3, the supply current of the competitive part
increases 3-fold or 5-fold depending on which rail the
output goes to whereas the LT6001 draws virtually no
excessive current.
Gain
The open-loop gain is almost independent of load when
the output is sourcing current. This optimizes perfor-
mance in single supply applications where the load is
returned to ground. The typical performance curve of
Open-Loop Gain for various loads shows the details.
Shutdown
The single LT6000 and the 10-lead dual LT6001 include a
shutdown feature that disables the part reducing quies-
cent current and makes the output high impedance. The
devices can be shut down by bringing the SHDN pin within
0.3V of V–. The amplifiers are guaranteed to shut down if
the SHDN pin is brought within 0.3V of V–. The exact
switchover point will be a function of the supply voltage.
See the Typical Performance Characteristics curves Sup-
ply Current vs Shutdown Pin Voltage. When shut down the
total supply current is about 0.8
µA and the output leakage
current is 20nA (V–
≤ VOUT ≤ V+). For normal operation the
SHDN pin should be tied to V+. It can be left floating,
however, parasitic leakage currents over 1
µA at the SHDN
pin may inadvertently place the part into shutdown.
VIN (V)
–3
–3
–2
–1
0
4
2
–1
1
2
3
1
10
20
30
70
50
60
40
–2
0
3
60012 F03
VIN
VS = ±2.5V, AV = 1
+
–
COMPETITIVE
PART
LT6001
VOUT
SUPPLY CURRENT
PER AMPLIFIER
Figure 3. VOUT and ICC vs Input Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com