Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2442CG Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2442CG
Description  24-Bit High Speed 4-Channel Delta-Sigma ADC with Integrated Amplifi er
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2442CG Datasheet(HTML) 2 Page - Linear Technology

  LTC2442CG Datasheet HTML 1Page - Linear Technology LTC2442CG Datasheet HTML 2Page - Linear Technology LTC2442CG Datasheet HTML 3Page - Linear Technology LTC2442CG Datasheet HTML 4Page - Linear Technology LTC2442CG Datasheet HTML 5Page - Linear Technology LTC2442CG Datasheet HTML 6Page - Linear Technology LTC2442CG Datasheet HTML 7Page - Linear Technology LTC2442CG Datasheet HTML 8Page - Linear Technology LTC2442CG Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
LTC2442
2
2442f
Supply Voltage (VCC) to GND ....................... –0.3V to 6V
Analog Input Pins Voltage
to GND...................................... –0.3V to (VCC + 0.3V)
Reference Input Pins Voltage
to GND...................................... –0.3V to (VCC + 0.3V)
Digital Input Voltage to GND ......... –0.3V to (VCC + 0.3V)
Digital Output Voltage to GND....... –0.3V to (VCC + 0.3V)
Operating Temperature Range
LTC2442CG .................................................. 0°C to 70°C
LTC2442IG ............................................... –40°C to 85°C
Storage Temperature Range................... –65°C to 150°C
Lead Temperature (Soldering, 10 sec) .................. 300°C
Amplifier Supply Voltage (V+ to V–) ..........................36V
(Notes 1, 2)
The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Notes 3, 4, 15)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Resolution (No Missing Codes)
0.1V ≤ VREF ≤ VCC, –0.5 • VREF ≤ VIN ≤ 0.5 • VREF (Note 5)
●
24
Bits
Integral Nonlinearity
VCC = 5V, REF
+ = 5V, REF– = GND, VINCM = 2.5V (Note 6, 14)
VCC = 5V, REF
+ = 2.5V, REF– = GND, VINCM = 1.25V (Note 6, 14)
REF+ = 4.096V, REF– = GND, VINCM = 2.048V (Note 6, 14)
●
●
2
2
1
10
7
ppm of VREF
ppm of VREF
ppm of VREF
Offset Error
2.5V ≤ REF+ ≤ VCC, REF
– = GND,
GND ≤ SEL+ = SEL– ≤ VCC (Note 12)
●
2.5
5
µV
Offset Error Drift
2.5V ≤ REF+ ≤ VCC, REF
– = GND,
GND ≤ SEL+ = SEL– ≤ VCC
20
nV/°C
Positive Full-Scale Error
REF+ = 5V, REF– = GND, SEL+ = 3.75V, SEL– = 1.25V
REF+ = 2.5V, REF– = GND, SEL+ = 1.875V, SEL– = 0.625V
●
●
10
10
50
50
ppm of VREF
ppm of VREF
Positive Full-Scale Error Drift
2.5V ≤ REF+ ≤ VCC, REF
– = GND,
SEL+ = 0.75 • REF+, SEL– = 0.25 • REF+
0.2
ppm of VREF/°C
ELECTRICAL CHARACTERISTICS
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
TOP VIEW
G PACKAGE
36-LEAD PLASTIC SSOP
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
19
SCK
BUSY
EXT
DGND
AGND
CH0
CH1
CH2
CH3
ADCINB
ADCINA
OUTA
–INA
NC
NC
NC
OUTB
–INB
SDO
CS
FO
SDI
GND
REF–
REF+
V
CC
COM
MUXOUTA
MUXOUTB
+INA
V–
NC
NC
V+
NC
+INB
TJMAX = 125°C, θJA = 160°C/W
ORDER PART NUMBER
PART MARKING
LTC2442CG
LTC2442IG
LTC2442CG
LTC2442IG
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
Consult LTC Marketing for parts specified with wider operating temperature ranges.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com