Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEMB3 Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # PEMB3
Description  NPN/PNP resistor-equipped transistors; R1 = 4.7 kΩ, R2 = open
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PEMB3 Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  PEMB3 Datasheet HTML 1Page - Nexperia B.V. All rights reserved PEMB3 Datasheet HTML 2Page - Nexperia B.V. All rights reserved PEMB3 Datasheet HTML 3Page - Nexperia B.V. All rights reserved PEMB3 Datasheet HTML 4Page - Nexperia B.V. All rights reserved PEMB3 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PEMB3 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PEMB3 Datasheet HTML 7Page - Nexperia B.V. All rights reserved PEMB3 Datasheet HTML 8Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2004 Apr 07
4
NXP Semiconductors
Product data sheet
NPN/PNP resistor-equipped transistors;
R1 = 4.7 k
Ω, R2 = open
PEMD6; PUMD6
THERMAL CHARACTERISTICS
Note
1.
Transistor mounted on an FR4 printed-circuit board, single-sided copper, standard footprint.
CHARACTERISTICS
Tamb = 25 °C; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Per transistor
Rth(j-a)
thermal resistance from junction to
ambient
note 1
SOT363
625
K/W
SOT666
625
K/W
Per device
Rth(j-a)
thermal resistance from junction to
ambient
note 1
SOT363
416
K/W
SOT666
416
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Per transistor; for the PNP transistor with negative polarity
ICBO
collector-base cut-off current
VCB = 50 V; IE = 0
−
−
100
nA
ICEO
collector-emitter cut-off current
VCE = 30 V; IB = 0
−
−
1
μA
VCE = 30 V; IB = 0; Tj = 150 °C
−
−
50
μA
IEBO
emitter-base cut-off current
VEB = 5 V; IC = 0
−
−
100
nA
hFE
DC current gain
VCE = 5 V; IC = 1 mA
200
−
−
VCEsat
collector-emitter saturation voltage
IC = 5 mA; IB = 0.25 mA
−
−
100
mV
R1
input resistor
3.3
4.7
6.1
k
Ω
Cc
collector capacitance
IE = Ie = 0; VCB = 10 V; f = 1 MHz
TR1 (NPN)
−
−
2.5
pF
TR2 (PNP)
−
−
3
pF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com