Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6002CGN Datasheet(PDF) 2 Page - Linear Technology

Part # LT6002CGN
Description  Single, Dual and Quad, 1.8V, 13uA Precision Rail-to-Rail Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6002CGN Datasheet(HTML) 2 Page - Linear Technology

  LT6002CGN Datasheet HTML 1Page - Linear Technology LT6002CGN Datasheet HTML 2Page - Linear Technology LT6002CGN Datasheet HTML 3Page - Linear Technology LT6002CGN Datasheet HTML 4Page - Linear Technology LT6002CGN Datasheet HTML 5Page - Linear Technology LT6002CGN Datasheet HTML 6Page - Linear Technology LT6002CGN Datasheet HTML 7Page - Linear Technology LT6002CGN Datasheet HTML 8Page - Linear Technology LT6002CGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LT6000/LT6001/LT6002
600012fa
2
DCB PART
MARKING*
ABSOLUTE
AXI U
RATI GS (Note 1)
Total Supply Voltage (V+ to V–) .............................. 18V
Input Current .....................................................
±10mA
SHDN Pin Voltage (Note 7) ............................... V– to V+
Output Short Current Duration (Note 2) ......... Indefinite
Operating Temperature Range (Note 3) ... –40
°C to 85°C
Specified Temperature Range (Note 4) .... –40
°C to 85°C
Junction Temperature ........................................... 150
°C
Junction Temperature (DFN Packages) ................ 125
°C
Storage Temperature Range .................. –65
°C to 150°C
Storage Temperature Range
DFN Packages ................................... –65
°C to 125°C
Lead Temperature (Soldering, 10 sec)
MSOP, SSOP Packages .................................... 300
°C
PACKAGE/ORDER I FOR ATIO
ORDER PART
NUMBER
LT6000CDCB
LT6000IDCB
TOP VIEW
11
DD PACKAGE
10-LEAD (3mm
´ 3mm) PLASTIC DFN
10
9
6
7
8
4
5
3
2
1
V+
OUT B
IN– B
IN+ B
SHDN
OUT A
IN– A
IN+ A
V–
NC
TJMAX = 125°C, θJA = 160°C/W (NOTE 2)
EXPOSED PAD (PIN 11) IS CONNECTED TO V– (PIN 4)
LT6001CMS8
LT6001IMS8
LT6001CDD
LT6001IDD
LTBVD
LTBVD
TJMAX = 150°C, θJA = 250°C/W
1
2
3
4
OUT A
IN– A
IN+ A
V–
8
7
6
5
V+
OUT B
IN– B
IN+ B
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
–
+
–
+
LCDM
LCDM
LBVH
LBVH
TOP VIEW
V+
V–
OUT
SHDN
–IN
+IN
DCB PACKAGE
6-LEAD (2mm
× 3mm) PLASTIC DFN
4
5
7
6
3
2
1
TJMAX = 125°C, θJA = 160°C/W (NOTE 2)
EXPOSED PAD (PIN 7) IS CONNECTED TO V– (PIN 5)
MS8 PART
MARKING*
ORDER PART
NUMBER
DD PART
MARKING*
ORDER PART
NUMBER
ORDER PART NUMBER
LT6002CGN
LT6002IGN
ORDER PART NUMBER
DHC PART MARKING*
LT6002CDHC
LT6002IDHC
GN PART MARKING
6002
6002I
TJMAX = 125°C, θJA = 160°C/W (NOTE 2)
EXPOSED PAD (PIN 17) IS CONNECTED TO V– (PIN 13)
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
TOP VIEW
17
DHC PACKAGE
16-LEAD (5mm
´ 3mm) DFN
OUT A
IN– A
IN+ A
V +
IN+ B
IN– B
OUT B
NC
OUT D
IN– D
IN+ D
V –
IN+ C
IN– C
OUT C
NC
AD
BC
1
2
3
4
5
6
7
8
TOP VIEW
GN PACKAGE
16-LEAD NARROW PLASTIC SSOP
16
15
14
13
12
11
10
9
OUT A
IN– A
IN+ A
V +
IN+ B
IN– B
OUT B
NC
OUT D
IN– D
IN+ D
V –
IN+ C
IN– C
OUT C
NC
+
–
+
–
–
+
–
+
AD
BC
TJMAX = 150°C, θJA = 135°C/W
6002
6002
*Temperature grades are identified on the shipping container. Consult LTC Marketing for parts specified with wider operating temperature ranges.
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF
Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com