Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC1909 Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # UPC1909
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC1909 Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button UPC1909 Datasheet HTML 24Page - Renesas Technology Corp UPC1909 Datasheet HTML 25Page - Renesas Technology Corp UPC1909 Datasheet HTML 26Page - Renesas Technology Corp UPC1909 Datasheet HTML 27Page - Renesas Technology Corp UPC1909 Datasheet HTML 28Page - Renesas Technology Corp UPC1909 Datasheet HTML 29Page - Renesas Technology Corp UPC1909 Datasheet HTML 30Page - Renesas Technology Corp UPC1909 Datasheet HTML 31Page - Renesas Technology Corp UPC1909 Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 38 page
background image
Data Sheet G14309EJ2V0DS00
26
µµµµPC1909
4.6 Remote Control
In the
µPC1909, starting up and stopping a converter can be controlled by turning on and off the output circuit using an
external signal. When the ON/OFF pin is made low level, the low voltage malfunction protection circuit operates and
cuts off OUT1 and OUT2, causing the timing capacitor connected between the CT pin and GND (CT) and the soft start
capacitor connected between the DTC1 pin and GND to discharge. Because the on/off threshold voltage has 0.2-V
hysteresis, the occurrence of chattering can be suppressed, even in slow on/off operations.
The ON/OFF pin is internally pulled up to VREF via a 100 k
Ω resistor. When the on/off function is not used, however, be
sure to connect the ON/OFF pin directly to the VREF pin in order to prevent the occurrence of noise.
A configuration whereby on/off control is controlled from the primary side by a photocoupler is shown in Figure 4-10
below. Be sure to set the pull-down resistor connected to the ON/OFF pin so that the leakage current between C and E
when the photocoupler is off does not cause the ON/OFF pin voltage to be boosted to a level whereby the
µPC1909 is
turned on.
Figure 4-10. ON/OFF Pin Connection
VREF
ON/OFF
GND
3
7
14
2.6 V/2.4 V
100 k
Ω
Photo-
coupler



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com