Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC1933 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # UPC1933
Description  BiCMOS INTEGRATED CIRCUIT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC1933 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button UPC1933 Datasheet HTML 9Page - Renesas Technology Corp UPC1933 Datasheet HTML 10Page - Renesas Technology Corp UPC1933 Datasheet HTML 11Page - Renesas Technology Corp UPC1933 Datasheet HTML 12Page - Renesas Technology Corp UPC1933 Datasheet HTML 13Page - Renesas Technology Corp UPC1933 Datasheet HTML 14Page - Renesas Technology Corp UPC1933 Datasheet HTML 15Page - Renesas Technology Corp UPC1933 Datasheet HTML 16Page - Renesas Technology Corp UPC1933 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
Data Sheet G13690EJ3V0DS00
11
µµµµ PC1933
2.
CONFIGURATION AND OPERATION OF EACH BLOCK
Figure 2-1 Block Diagram
2.1
Reference Voltage Generator
The reference voltage generator is comprised of a band-gap reference circuit, and outputs a temperature-compensated
reference voltage (2.1 V). The reference voltage can be used as the power supply for internal circuits, or as a reference
voltage, and can also be accessed externally via the VREF pin (pin 4).
2.2
Oscillator
The oscillator self-oscillates if a timing resistor is attached to the RT pin (pin 7). This oscillator waveform is input to the
inverted input pin of the PWM comparator to determine the oscillation frequency.
2.3
Under Voltage Lock-out Circuit
The under voltage lock-out circuit prevents malfunctioning of the internal circuits when the supply voltage is low, such as
when the supply voltage is first applied, or when the power supply is interrupted. When the voltage is low, the output
transistor is cut off at the same time.
2.4
Error Amplifier
The non-inverted input pin of the error amplifier is connected internally to 0.3 V (the input threshold voltage is 0.3 V
(TYP.)). The first stage of the error amplifier is a P-channel MOS transistor input.
6
5
Error amplifier
0.3 V
OUT
7
RT
FB
II
SQ
Q
GND
DLY
CDLY
2
1.92 V
3
VCC
8
1
4
VREF
Q2
Q1
Dead time setting: 85 %
(internally fixed)
Soft start
select switch
SCP
comparator
PWM
comparator
Oscillation
section
Under voltage
lock-out
section
Reference
voltage
section
Output
section
Timer latch for
short-circuit
protection section



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com