Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6002IDHC Datasheet(PDF) 6 Page - Linear Technology

Part # LT6002IDHC
Description  Single, Dual and Quad, 1.8V, 13uA Precision Rail-to-Rail Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6002IDHC Datasheet(HTML) 6 Page - Linear Technology

Back Button LT6002IDHC Datasheet HTML 2Page - Linear Technology LT6002IDHC Datasheet HTML 3Page - Linear Technology LT6002IDHC Datasheet HTML 4Page - Linear Technology LT6002IDHC Datasheet HTML 5Page - Linear Technology LT6002IDHC Datasheet HTML 6Page - Linear Technology LT6002IDHC Datasheet HTML 7Page - Linear Technology LT6002IDHC Datasheet HTML 8Page - Linear Technology LT6002IDHC Datasheet HTML 9Page - Linear Technology LT6002IDHC Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LT6000/LT6001/LT6002
600012fa
6
ELECTRICAL CHARACTERISTICS The ● denotes specifications which apply over the full specified temperature
range, otherwise specifications are TA = 25°C. VS = 5V, 0V, VCM = VOUT = 1/2 Supply. For the LT6000 and the LT6001DD, VSHDN = V+,
unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOH
Output Swing High (Note 6)
Input Overdrive = 30mV
No Load
●
30
60
mV
ISOURCE = 100µA
●
140
225
mV
RL = 10k to GND
●
160
400
mV
ISC
Short-Circuit Current
Short to GND
5
10
mA
0
°C ≤ TA ≤ 70°C
●
4mA
–40
°C ≤ TA ≤ 85°C
●
3mA
Short to V+
3.5
7.5
mA
0
°C ≤ TA ≤ 70°C
●
2.5
mA
–40
°C ≤ TA ≤ 85°C
●
1.5
mA
IS
Supply Current per Amplifier
15
18
µA
0
°C ≤ TA ≤ 70°C
●
24
µA
–40
°C ≤ TA ≤ 85°C
●
27
µA
VS = ±8V
20
25
µA
●
34
µA
Total Supply Current in Shutdown (Note 7)
VSHDN = 0.3V
●
35
µA
ISHDN
SHDN Pin Current (Note 7)
VSHDN = 5V
●
030
nA
VSHDN = 0V
●
–1000
–650
nA
Shutdown Output Leakage Current (Note 7)
VSHDN = 0.3V (V
–
≤ VOUT ≤ V+)
●
20
nA
VL
SHDN Pin Input Low Voltage (Note 7)
●
0.3
V
VH
SHDN Pin Input High Voltage (Note 7)
●
4.7
V
tON
Turn On Time (Note 7)
VSHDN = 0V to 5V, RL = 10k
400
µs
tOFF
Turn Off Time (Note 7)
VSHDN = 5V to 0V, RL = 10k
100
µs
GBW
Gain Bandwidth Product
Freq = 1kHz
40
60
kHz
0
°C ≤ TA ≤ 70°C
●
35
kHz
–40
°C ≤ TA ≤ 85°C
●
30
kHz
SR
Slew Rate
AV = –1, VOUT = 0.5V to 4.5V
11
18
V/ms
Measure 1V to 4V, 0
°C ≤ TA ≤ 70°C
●
8
V/ms
–40
°C ≤ TA ≤ 85°C
●
6
V/ms
FPBW
Full Power Bandwidth (Note 9)
VOUT = 4VP-P
0.87
1.4
kHz
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: A heat sink may be required to keep the junction temperature
below the absolute maximum. This depends on the power supply voltage
and how many amplifiers are shorted. The
θJA specified for the DD and
DHC packages is with minimal PCB heat spreading metal. Using expanded
metal area on all layers of a board reduces this value.
Note 3: The LT6000C/LT6000I/LT6001C/LT6001I and LT6002C/LT6002I
are guaranteed functional over the temperature range of –40
°C to 85°C.
Note 4: The LT6000C/LT6001C/LT6002C is guaranteed to meet specified
performance from 0
°C to 70°C. The LT6000C/LT6001C/LT6002C are
designed, characterized and expected to meet specified performance from
–40
°C to 85°C but are not tested or QA sampled at these temperatures.
The LT6000I/LT6001I/ LT6002I is guaranteed to meet specified
performance from –40
°C to 85°C.
Note 5: This parameter is not 100% tested.
Note 6: Output voltage swings are measured between the output and
power supply rails.
Note 7: Specifications apply to the LT6000 or the LT6001DD with
shutdown.
Note 8: Guaranteed by correlation to slew rate at VS = 1.8V and GBW at
VS = 5V.
Note 9: Full-power bandwidth is calculated from the slew rate:
FPBW = SR/
πVP-P.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com