Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC2709T Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # UPC2709T
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC2709T Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button UPC2709T Datasheet HTML 9Page - Renesas Technology Corp UPC2709T Datasheet HTML 10Page - Renesas Technology Corp UPC2709T Datasheet HTML 11Page - Renesas Technology Corp UPC2709T Datasheet HTML 12Page - Renesas Technology Corp UPC2709T Datasheet HTML 13Page - Renesas Technology Corp UPC2709T Datasheet HTML 14Page - Renesas Technology Corp UPC2709T Datasheet HTML 15Page - Renesas Technology Corp UPC2709T Datasheet HTML 16Page - Renesas Technology Corp UPC2709T Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Data Sheet P12426EJ3V1DS00
11
µµµµPC2709T
TYPICAL S-PARAMETER VALUES (TA = +25°C)
µPC2709T
VCC = Vout = 5.0 V, ICC = 30 mA
Frequency
S11
S21
S12
S22
K
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.0000
.258
–4.1
12.706
–3.7
.022
7.5
.234
–4.6
1.66
200.0000
.261
–2.9
12.793
–12.2
.024
3.1
.240
–6.9
1.52
400.0000
.271
–4.6
13.023
–27.0
.025
6.5
.260
–13.5
1.32
600.0000
.275
–8.1
13.305
–41.3
.026
10.5
.288
–22.1
1.29
800.0000
.278
–12.7
13.595
–57.4
.026
11.0
.312
–33.5
1.27
1000.0000
.279
–15.2
13.816
–72.3
.027
15.6
.324
–43.4
1.20
1200.0000
.276
–20.7
13.992
–90.3
.027
17.7
.332
–59.0
1.19
1400.0000
.263
–25.6
13.750
–109.3
.027
19.2
.326
–75.1
1.22
1600.0000
.246
–28.6
13.195
–128.3
.028
20.6
.302
–90.6
1.27
1800.0000
.237
–31.7
12.254
–147.5
.030
27.9
.254
–106.8
1.33
2000.0000
.222
–33.6
10.976
–166.1
.031
33.2
.198
–120.8
1.47
2200.0000
.194
–33.1
9.664
177.5
.033
35.8
.143
–132.5
1.61
2400.0000
.176
–26.8
8.392
162.0
.034
38.5
.089
–144.4
1.81
2500.0000
.173
–23.2
7.771
154.8
.035
39.2
.065
–150.6
1.90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com