Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8560CPXALDB Datasheet(PDF) 101 Page - Freescale Semiconductor, Inc

Part # MPC8560CPXALDB
Description  Integrated Processor Hardware Specifications
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8560CPXALDB Datasheet(HTML) 101 Page - Freescale Semiconductor, Inc

Back Button MPC8560CPXALDB Datasheet HTML 97Page - Freescale Semiconductor, Inc MPC8560CPXALDB Datasheet HTML 98Page - Freescale Semiconductor, Inc MPC8560CPXALDB Datasheet HTML 99Page - Freescale Semiconductor, Inc MPC8560CPXALDB Datasheet HTML 100Page - Freescale Semiconductor, Inc MPC8560CPXALDB Datasheet HTML 101Page - Freescale Semiconductor, Inc MPC8560CPXALDB Datasheet HTML 102Page - Freescale Semiconductor, Inc MPC8560CPXALDB Datasheet HTML 103Page - Freescale Semiconductor, Inc MPC8560CPXALDB Datasheet HTML 104Page - Freescale Semiconductor, Inc MPC8560CPXALDB Datasheet HTML 105Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 108 page
background image
MPC8560 Integrated Processor Hardware Specifications, Rev. 3.1
Freescale Semiconductor
101
System Design Information
Figure 60. JTAG Interface Connection
HRESET
HRESET
From Target
Board Sources
HRESET
13
SRESET
SRESET
SRESET
NC
NC
11
VDD_SENSE
6
5 1
15
2 k
Ω
10 k
Ω
10 k
Ω
10 k
Ω
OVDD
OVDD
OVDD
OVDD
CKSTP_IN
CKSTP_IN
8
TMS
TDO
TDI
TCK
TMS
TDO
TDI
TCK
9
1
3
4
TRST
7
16
2
10
12
(if any)
14 2
Notes:
1. RUN/STOP, normally found on pin 5 of the COP header, is not implemented.
Connect pin 5 of the COP header to OVDD with a 10-kΩ pull-up resistor.
2. Key location; pin 14 is not physically present on the COP header.
OVDD
OVDD
10 k
Ω
OVDD
TRST
10 k
Ω
OVDD
10 k
Ω
10 k
Ω
CKSTP_OUT
CKSTP_OUT
3
13
9
5
1
6
10
15
11
7
16
12
8
4
KEY
No pin
COP Connector
Physical Pin Out
1
2
NC
(Remove this jumper for debug
with third-party tools.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com