Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8560CPXALDB Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # MPC8560CPXALDB
Description  Integrated Processor Hardware Specifications
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8560CPXALDB Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button MPC8560CPXALDB Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8560CPXALDB Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8560CPXALDB Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8560CPXALDB Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8560CPXALDB Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8560CPXALDB Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC8560CPXALDB Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC8560CPXALDB Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC8560CPXALDB Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 108 page
background image
MPC8560 Integrated Processor Hardware Specifications, Rev. 3.1
Freescale Semiconductor
13
Power Characteristics
3
Power Characteristics
The estimated power dissipation on the VDD supply for the MPC8560 is shown in Table 4.
The estimated power dissipation on the AVDD supplies for the MPC8560 PLLs is shown in Table 5.
Table 4. MPC8560 VDD Power Dissipation
CCB
Frequency
Core
Frequency
Typical1
Unit
200
400
5.1
W
500
5.4
600
5.8
700
6.1
267
533
6.0
W
667
6.4
800
6.9
300
600
6.4
W
750
6.9
333
667
6.8
W
833
7.4
Notes:
1. VDD = 1.2 V, TA = 70°C, TJ = 105°C
Table 5. MPC8560 AVDD Power Dissipation
AVDDn
Typical1
Unit
AVDD1
0.007
W
AVDD2
0.014
W
AVDD3
0.004
W
Notes:
1. VDD = 1.2 V, TA = 70°C, TJ = 105°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com