Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC2807 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # UPC2807
Description  BiCMOS INTEGRATED CIRCUIT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC2807 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button UPC2807 Datasheet HTML 2Page - Renesas Technology Corp UPC2807 Datasheet HTML 3Page - Renesas Technology Corp UPC2807 Datasheet HTML 4Page - Renesas Technology Corp UPC2807 Datasheet HTML 5Page - Renesas Technology Corp UPC2807 Datasheet HTML 6Page - Renesas Technology Corp UPC2807 Datasheet HTML 7Page - Renesas Technology Corp UPC2807 Datasheet HTML 8Page - Renesas Technology Corp UPC2807 Datasheet HTML 9Page - Renesas Technology Corp UPC2807 Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Data Sheet S13198EJ2V0DS
6
µµµµ PC2807, 2807A
APPLICATION CIRCUIT EXAMPLE (at carrier frequency of 37.9 kHz)
Remark f
= 37.9 kHz for the
µPC2807. In the µPC2807A, f = 40.0 kHz.
6
13
12
11
10
TRAP
skip
First-stage
amplifier
4
Waveform-shaping
circuit
2
Limiter
amplifier
Trimming
circuit
1
fO setting
8
7
3
GND1
GND2
OUTPUT
9
5
OUT
S3
S2
PAD1
IN
S1
TRAP
BPF
5 V
VCC
Detector
22 k
Ω
PIN
Photo-
diode
+
I/V
ABLC
Carrier
elimination



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com