Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC2807HAW Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # UPC2807HAW
Description  BiCMOS INTEGRATED CIRCUIT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC2807HAW Datasheet(HTML) 3 Page - Renesas Technology Corp

  UPC2807HAW Datasheet HTML 1Page - Renesas Technology Corp UPC2807HAW Datasheet HTML 2Page - Renesas Technology Corp UPC2807HAW Datasheet HTML 3Page - Renesas Technology Corp UPC2807HAW Datasheet HTML 4Page - Renesas Technology Corp UPC2807HAW Datasheet HTML 5Page - Renesas Technology Corp UPC2807HAW Datasheet HTML 6Page - Renesas Technology Corp UPC2807HAW Datasheet HTML 7Page - Renesas Technology Corp UPC2807HAW Datasheet HTML 8Page - Renesas Technology Corp UPC2807HAW Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
2000, 2001, 2007
BIPOLAR ANALOG INTEGRATED CIRCUIT
μPC2918, 2925, 2926
THREE-TERMINAL LOW DROPOUT VOLTAGE REGULATOR
DATA SHEET
Document No. G14983EJ5V0DS00 (5th edition)
Date Published August 2007 NS
Printed in Japan
The mark <R> shows major revised points.
The revised points can be easily searched by copying an "<R>" in the PDF file and specifying it in the "Find what:" field.
DESCRIPTION
The
μ PC2918, 2925 and 2926 are three-terminal low dropout voltage regulators with the 1-A output. The μ PC2918
outputs 1.8 V, the
μ PC2925 outputs 2.5 V and the μ PC2926 outputs 2.6 V. Since these regulators use a PNP
transistor for the output stage, they achieve a low dropout voltage of 0.7 V TYP. at IO = 1 A and minimize the power
dissipation of the IC. As a result, these regulators can be used to realize sets with lower voltage and power
dissipation.
FEATURES
• Output current capacity: 1 A
• Low dropout voltage
VDIF = 0.5 V MAX. (IO = 0.5 A)
• Output voltage accuracy: VO ± 2%
• On-chip saturation protector rising edge of input voltage
(at low input voltage)
• On-chip over-current limiter and thermal protection
• On-chip output transistor safe operation area protection
PIN CONFIGURATIONS (Marking Side)
Notes 1. No.2 pin and No.4 fin are common GND.
2. No.2 pin is cut. No.2 pin and No.4 fin are common GND.
μ PC2918HF,
μ PC2925HF,
μ PC2926HF: Isolated TO-220 (MP-45G)
μ PC2918HB,
μ PC2925HB,
μ PC2926HB: SC-64 (MP-3)
μ PC2918T,
μ PC2925T,
μ PC2926T: SC-63 (MP-3Z)
3
2
1
1: INPUT
2: GND
3: OUTPUT
4
3
2
1
1: INPUT
2: GND
3: OUTPUT
4: GND (Fin)
Note1
4
3
2
1
1: INPUT
2: GND
3: OUTPUT
4: GND (Fin)
Note2
<R>



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com