Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVT16823 Datasheet(PDF) 13 Page - Nexperia B.V. All rights reserved

Part # 74ALVT16823
Description  18-bit bus-interface D-type flip-flop with reset and enable; 3-state
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74ALVT16823 Datasheet(HTML) 13 Page - Nexperia B.V. All rights reserved

Back Button 74ALVT16823 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74ALVT16823 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74ALVT16823 Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74ALVT16823 Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74ALVT16823 Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74ALVT16823 Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74ALVT16823 Datasheet HTML 14Page - Nexperia B.V. All rights reserved 74ALVT16823 Datasheet HTML 15Page - Nexperia B.V. All rights reserved 74ALVT16823 Datasheet HTML 16Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Nexperia
74ALVT16823
18-bit bus-interface D-type flip-flop with reset and enable; 3-state
11. Package outline
UNIT
A1
A2
A3
bp
c
D(1)
E(2)
e
HE
L
Lp
Q
Z
y
w
v
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
0.15
0.05
0.2
0.1
8
0
o
o
0.1
DIMENSIONS (mm are the original dimensions).
Notes
1. Plastic or metal protrusions of 0.15 mm maximum per side are not included.
2. Plastic interlead protrusions of 0.25 mm maximum per side are not included.
SOT364-1
99-12-27
03-02-19
w M
θ
A
A1
A2
D
Lp
Q
detail X
E
Z
e
c
L
X
(A )
3
0.25
1
28
56
29
y
pin 1 index
b
H
1.05
0.85
0.28
0.17
0.2
0.1
14.1
13.9
6.2
6.0
0.5
1
8.3
7.9
0.50
0.35
0.5
0.1
0.08
0.25
0.8
0.4
p
E
v M A
A
TSSOP56: plastic thin shrink small outline package; 56 leads; body width 6.1 mm
SOT364-1
A
max.
1.2
0
2.5
5 mm
scale
MO-153
Fig. 10. Package outline SOT364-1 (TSSOP56)
74ALVT16823
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2020. All rights reserved
Product data sheet
Rev. 6 — 20 October 2020
13 / 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com