Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LI98P Datasheet(PDF) 1 Page - T-Global Technology

Part # LI98P
Description  Li98P / Liv2 Thermal Tape
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGLOBAL [T-Global Technology]
Direct Link  https://www.tglobaltechnology.com/
Logo TGLOBAL - T-Global Technology

LI98P Datasheet(HTML) 1 Page - T-Global Technology

  LI98P Datasheet HTML 1Page - T-Global Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
More Innovation, Less Heat.
Units 1-2 Cosford Business Park, Central Park, Lutterworth, Leicestershire, LE17 4QU, United Kingdom
T +44 (0)1455 553 510
E sales@tglobaltechnology.com
W www.tglobaltechnology.com
Version19
20230721
T-Global Technology (Europe & North America) Ltd.
NOTICE: The information contained herein is to the best of our knowledge true and accurate. Values stated in this technical data sheet represent typical values as not all tests are run on each lot of material
produced. All specifications are subject to change without notice. The protective film and release paper does not affect the function of the product. If there is no special requirement, the default depends on
T-Global. Since the varied conditions of potential use are beyond our control, all recommendations or suggestions are presented without guarantee or responsibility on our part and users should make their
own test to determine the suitability of our products in any specific situation. This product is sold without warranty either expressed or implied, of fitness for a particular purpose or otherwise, except that this
product shall be of standard quality, and except to the extent otherwise stated in T-Global Technology’s invoice, quotation, or order acknowledgment.
We disclaim any and all liabilities incurred in connection with the use of information contained herein, or otherwise. All risks of such are assumed by the user. Furthermore, nothing contained herein shall be
construed as a recommendation to use any process or to manufacture or to use any product in conflict with existing or future patents covering any product or material or its use.
Features
Storage:
Applications:
Thermal Tape
REACH Compliant
RoHS Compliant
UL Compliant
2
Properties
Electronic Components - 5G, Aerospace, AI, AIoT, AR/VR/MR/XR, Automotive,
Consumer Devices, Datacom, Electric Vehicle, Electronic Products, Energy
Storage, Industrial, Lighting Equipment, Medical, Military, Netcom, Panel, Power
Electronics, Robot, Servers, Smart Home, Telecom, etc.
Thermal Conductivity : 1.8(Li98P) / 1.1(Liv2) W/mK
• Highvoltageresistance
• Goodadhesive
• Greatreliability
• Easytoassemble
• Customizationservices
Li98P / Liv2
Properties
Unit
Li98P
Liv2
Tolerance
Test Method
Thermal Conductivity
W/m•K
1.8
1.8
1.1
1.1
±10% ASTMD5470Modified
Thickness
mm
0.125
0.14
0.15
0.25
-
ASTM D374
Color
-
White
-
-
Reinforcement Carrier
-
Polyimide
Fiberglass Mesh
-
-
Operating Temperature
°C
-30~+120
-
-
Short time use temperature (30sec)
°C
250
250
180
180
-
-
Density
g/cm³
1.3
1.2
1.85
1.85
±5%
ASTM D792
Tensile strength
psi
500
600
200
400
-
ASTM D412
Glass Transition temperature
°C
-25
-25
-30
-30
-
-
Initial Tack
cm
15
15
11
10
-
PSTC-6
Lap Shear Strength
N/cm²
63
62
60
60
-
ASTM D1002
Die Shear Strength@25
°C
N/cm²
115
115
120
120
-
-
Die Shear Strength@80
°C
N/cm²
66
64
69
69
-
-
Holding Power 1000g@25
°Cusing1in2
min
>10000
-
PSTC-7
Holding Power 1000g@80
°Cusing1in2
min
>10000
-
PSTC-7
90
° PeelingStrength(Aluminum)
N/in
>10
>10
15
16
-
ASTM D3330
Dielectric Breakdown Voltage (AC)
KV
≥
4.1
≥
5.1
≥
2.1
≥
3.1
-
ASTM D149
Dielectric Breakdown Voltage (DC)
KV
≥
5.1
≥
6.1
≥
3.1
≥
4.1
-
ASTM D149
Thermal Impedance@10psi
°C*in²/W 0.78
0.87
0.76
1.26
-
ASTM D5470 Modified
Thermal Impedance@30psi
°C*in²/W 0.75
0.81
0.70
1.12
-
ASTM D5470 Modified
Thermal Impedance@50psi
°C*in²/W 0.73
0.79
0.63
1.07
-
ASTM D5470 Modified
Flame Rating
-
V-0
-
UL94
※Rolltypeavailable
0 0.8 1.2 1.4 1.6 1.7 1.8 2.2 3.2 3.6 4.0 4.5 5.0
Liv2
Li98P
15
20
※Die-cutfordifferentshapes
T-Global guarantees a 6-month shelf life at maximum continuous storage. Storage
temperature should be under 25℃ to maintain controlled adhesion to the liner.


Similar Description - LI98P

ManufacturerPart #DatasheetDescription
logo
Advanced Thermal Soluti...
ATS-54150D-C1-R0 ATS-ATS-54150D-C1-R0 Datasheet
383Kb / 1P
High Performance BGA Cooling Solutions w/Thermal Tape Attachment
Rev - 121101
ATS-55150D-C1-R0 ATS-ATS-55150D-C1-R0 Datasheet
353Kb / 1P
High Performance BGA Cooling Solutions w/Thermal Tape Attachment
Rev - 121101
ATS-56001-C1-R0 ATS-ATS-56001-C1-R0_12 Datasheet
415Kb / 1P
High Performance ASIC Cooling Solutions w/Thermal Tape Attachment
Rev - 121101
logo
SparkFun Electronics
PRT-17054 SPARKFUN-PRT-17054 Datasheet
118Kb / 2P
Thermal Tape 4x4 Square
9??1??0
logo
Wurth Elektronik GmbH &...
403012050 WURTH-403012050 Datasheet
275Kb / 3P
WE-TTT Thermal Transfer Tape
001.000
logo
List of Unclassifed Man...
RTAZS ETC2-RTAZS Datasheet
793Kb / 2P
ROCKETAPE™ RTAZS Heat Resistant Thermal Insulation Tape
8/2/2022
RTAZS ETC-RTAZS_V01 Datasheet
792Kb / 2P
ROCKETAPE™ RTAZS Heat Resistant Thermal Insulation Tape
8/24/2022
logo
T-Global Technology
TG-T1000T TGLOBAL-TG-T1000T Datasheet
232Kb / 1P
Thermal Tape
Version18 20220726
logo
Wurth Elektronik GmbH &...
403012008 WURTH-403012008 Datasheet
274Kb / 3P
WE-TTT Thermal Transfer Tape
001.000
logo
T-Global Technology
TG-T1000 TGLOBAL-TG-T1000 Datasheet
385Kb / 1P
Thermal Tape
20230721
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com