Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33897T Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # 33897T
Description  Single Wire CAN Transceiver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33897T Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button 33897T Datasheet HTML 5Page - Freescale Semiconductor, Inc 33897T Datasheet HTML 6Page - Freescale Semiconductor, Inc 33897T Datasheet HTML 7Page - Freescale Semiconductor, Inc 33897T Datasheet HTML 8Page - Freescale Semiconductor, Inc 33897T Datasheet HTML 9Page - Freescale Semiconductor, Inc 33897T Datasheet HTML 10Page - Freescale Semiconductor, Inc 33897T Datasheet HTML 11Page - Freescale Semiconductor, Inc 33897T Datasheet HTML 12Page - Freescale Semiconductor, Inc 33897T Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
9
33897/A/B/C/D/T
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
BUS (CONTINUED)
Input Threshold
Awake
5.0 V
≤ V
BATT ≤ 26.5 V
Sleep
12 V
≤ V
BATT ≤ 26.5 V
Sleep
5.0 V
≤ V
BATT < 12 V
VBIA
VBISF
VBISO
2.0
6.6
Lesser of 6.6 V or
VBATT - 4.3
–
–
–
2.2
7.9
Lesser of 7.9 V or
VBATT - 3.25
V
Table 4. Static Electrical Characteristics (continued)
Characteristics noted under conditions of -40
°C ≤ T
A ≤ 125°C, unless otherwise stated. Voltages are relative to GND unless
otherwise noted. All positive currents are into the terminal. All negative currents are out of the terminal.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com