Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33897C Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # 33897C
Description  Single Wire CAN Transceiver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33897C Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  33897C Datasheet HTML 1Page - Freescale Semiconductor, Inc 33897C Datasheet HTML 2Page - Freescale Semiconductor, Inc 33897C Datasheet HTML 3Page - Freescale Semiconductor, Inc 33897C Datasheet HTML 4Page - Freescale Semiconductor, Inc 33897C Datasheet HTML 5Page - Freescale Semiconductor, Inc 33897C Datasheet HTML 6Page - Freescale Semiconductor, Inc 33897C Datasheet HTML 7Page - Freescale Semiconductor, Inc 33897C Datasheet HTML 8Page - Freescale Semiconductor, Inc 33897C Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
5
33897/A/B/C/D/T
PIN CONNECTIONS
PIN CONNECTIONS
Figure 4. 33897/A/B/C/D/T Pin Connections
Table 2. Pin Definitions
A functional description of each terminal can be found in the Functional Pin Description section, beginning on page 13.
33897/A/C/T
Terminal
33897B/D
Terminal
Pin Name
Formal Name
Definition
1, 7, 8, 14
8
GND
Ground
Electrical Common Ground and Heat removal. A good thermal path
will also reduce the die temperature.
2
1
TXD
Transmit Data
Data input here will appear on the BUS terminal. A logic [0] will assert
the bus, a logic [1] will make the bus go to the recessive state.
3, 4
2, 3
MODE0,
MODE1
Mode Control
These Pins control Sleep Mode, Transmit Level, and Speed. They
have weak pulldowns.
5
4
RXD
Receive Data
Open drain output of the data on BUS. A recessive bus = a logic [1], a
dominant bus = logic [0]. An external pullup is required.
6, 13
–
NC
No Connect
No internal connection to these Pins. Pin 13 can be connected to GND
to allow the use of the 14-terminal or 8-terminal device. (1)
9
–
CNTL
Control
Provides a battery-level logic signal.
10
5
VBATT
Battery
Power input. An external diode is needed for reverse battery
protection.
11
6
LOAD
Load
The external bus load resistor connects here to prevent bus pullup in
the event of loss of module ground.
12
7
BUS
Bus
This terminal connects to the bus through external components.
Notes
1.
Module boards can be planned for the 14-terminal package and still use the 8-terminal package.
GND
VBATT
CNTL
GND
NC
BUS
LOAD
GND
RXD
NC
GND
TXD
MODE0
MODE1
5
6
7
2
3
4
14
10
9
8
13
12
11
1
33897/A/C/T
2
3
4
8
7
6
5
11
2
4
3
8
7
5
6
GND
BUS
VBATT
TXD
MODE0
MODE1
RXD
LOAD
33897B/D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com