Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AHCT240D Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # 74AHCT240D
Description  Octal buffer/line driver; inverting; 3-state
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74AHCT240D Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  74AHCT240D Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74AHCT240D Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74AHCT240D Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74AHCT240D Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74AHCT240D Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74AHCT240D Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74AHCT240D Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74AHCT240D Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74AHCT240D Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Nexperia
74AHCT240
Octal buffer/line driver; inverting; 3-state
10. Dynamic characteristics
Table 7. Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); for test circuit see Fig. 7.
25 °C
-40 °C to
+85 °C
-40 °C to
+125 °C
Symbol Parameter Conditions
Min Typ [1] Max
Min
Max
Min
Max
Unit
nAn to nYn; see Fig. 5
[2]
VCC = 4.5 V to 5.5 V; CL = 15 pF
-
3.0
5.8
1.0
6.8
1.0
8.5 ns
tpd
propagation
delay
VCC = 4.5 V to 5.5 V; CL = 50 pF
-
4.4
8.4
1.0
9.5
1.0
11.9 ns
nOE to nYn; see Fig. 6
[2]
VCC = 4.5 V to 5.5 V; CL = 15 pF
-
3.4
7.5
1.0
9.0
1.0
14.4 ns
ten
enable time
VCC = 4.5 V to 5.5 V; CL = 50 pF
-
4.5
9.5
1.0
11.5
1.0
14.4 ns
nOE to nYn; see Fig. 6
[2]
VCC = 4.5 V to 5.5 V; CL = 15 pF
-
3.9
6.1
1.0
6.7
1.0
8.3 ns
tdis
disable time
VCC = 4.5 V to 5.5 V; CL = 50 pF
-
6.2
8.7
1.0
9.2
1.0
11.5 ns
CPD
power
dissipation
capacitance
VI = GND to VCC; CL = 50 pF;
fi = 1 MHz
[3]
-
9
-
-
-
-
-
pF
[1] Typical values are measured at nominal supply voltage (VCC = 5.0 V).
[2] tpd is the same as tPLH and tPHL; ten is the same as tPZH and tPZL; tdis is the same as tPLZ and tPHZ.
[3] CPD is used to determine the dynamic power dissipation (PD in μW).
PD = CPD × VCC 2 × fi × N + Σ(CL × VCC 2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
Σ(CL × VCC 2 × fo) = sum of outputs.
74AHCT240
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2020. All rights reserved
Product data sheet
Rev. 6 — 29 June 2020
5 / 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com