Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AHCT240PW Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # 74AHCT240PW
Description  Octal buffer/line driver; inverting; 3-state
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74AHCT240PW Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  74AHCT240PW Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74AHCT240PW Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74AHCT240PW Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74AHCT240PW Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74AHCT240PW Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74AHCT240PW Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74AHCT240PW Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74AHCT240PW Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74AHCT240PW Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Nexperia
74AHCT240
Octal buffer/line driver; inverting; 3-state
8. Recommended operating conditions
Table 5. Recommended operating conditions
Symbol Parameter
Conditions
Min
Typ
Max
Unit
VCC
supply voltage
4.5
5.0
5.5
V
VI
input voltage
0
-
5.5
V
VO
output voltage
0
-
VCC
V
Tamb
ambient temperature
-40
+25
+125
°C
Δt/ΔV
input transition rise and fall rate
VCC = 5 V ± 0.5 V
-
-
20
ns/V
9. Static characteristics
Table 6. Static characteristics
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
25 °C
-40 °C to +85 °C -40 °C to +125 °C
Symbol Parameter
Conditions
Min
Typ
Max
Min
Max
Min
Max
Unit
VIH
HIGH-level
input voltage
VCC = 4.5 V to 5.5 V
2.0
-
-
2.0
-
2.0
-
V
VIL
LOW-level
input voltage
VCC = 4.5 V to 5.5 V
-
-
0.8
-
0.8
-
0.8
V
VI = VIH or VIL; VCC = 4.5 V
IO = -50 μA
4.4
4.5
-
4.4
-
4.4
-
V
VOH
HIGH-
level output
voltage
IO = -8.0 mA
3.94
-
-
3.80
-
3.70
-
V
VI = VIH or VIL; VCC = 4.5 V
IO = 50 μA
-
0
0.1
-
0.1
-
0.1
V
VOL
LOW-level
output
voltage
IO = 8.0 mA
-
-
0.36
-
0.44
-
0.55
V
II
input leakage
current
VI = 5.5 V or GND;
VCC = 0 V to 5.5 V
-
-
0.1
-
1.0
-
2.0
μA
IOZ
OFF-state
output
current
VI = VIH or VIL;
VO = VCC or GND;
VCC = 5.5 V
-
-
±0.25
-
±2.5
-
±10.0 μA
ICC
supply
current
VI = VCC or GND; IO = 0 A;
VCC = 5.5 V
-
-
4.0
-
40
-
80
μA
ΔICC
additional
supply
current
per input pin;
VI = VCC - 2.1 V;
other pins at VCC or GND;
IO = 0 A;
VCC = 4.5 V to 5.5 V
-
-
1.35
-
1.5
-
1.5
mA
CI
input
capacitance
VI = VCC or GND
-
3
10
-
10
-
10
pF
CO
output
capacitance
-
4
-
-
-
-
-
pF
74AHCT240
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2020. All rights reserved
Product data sheet
Rev. 6 — 29 June 2020
4 / 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com