Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC431CLP Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # AMC431CLP
Description  PRECISION ADJUSTABLE SHUNT VOLTAGE REFERENCE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AMC431CLP Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button AMC431CLP Datasheet HTML 3Page - List of Unclassifed Manufacturers AMC431CLP Datasheet HTML 4Page - List of Unclassifed Manufacturers AMC431CLP Datasheet HTML 5Page - List of Unclassifed Manufacturers AMC431CLP Datasheet HTML 6Page - List of Unclassifed Manufacturers AMC431CLP Datasheet HTML 7Page - List of Unclassifed Manufacturers AMC431CLP Datasheet HTML 8Page - List of Unclassifed Manufacturers AMC431CLP Datasheet HTML 9Page - List of Unclassifed Manufacturers AMC431CLP Datasheet HTML 10Page - List of Unclassifed Manufacturers AMC431CLP Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
AMC DOC. #: AMC431_C
AMC431
November
2002
PRECISION ADJUSTABLE SHUNT
VOLTAGE REGULATORS
Copyright
 2002, ADD Microtech Corp.
7
www.addmtek.com
APPLICATION INFORMATION (continued)
Figure 8.Precision 5V, 1.5A Regulator
Figure 9. Precision Constant Current Sink
VO = (1 + R1/R2)
×××× V
REF
Min VO = VREF + 5V
Figure 10. Output Control of a Three-Terminal
Fixed Regulator
IOUT = (VREF/RCL) + IKA
R1 = VBATT/((IO/hFE) + IKA)
Figure 11. Precision Current Limiter
AMC431
AMC317
8.2K
Ω
243
Ω
0.1%
VBATT
VO = 5V/1.5A
243
Ω
0.1%
Adjust
AMC431
VBATT
RS
0.1%
IO =
VREF/RS
AMC431
VBATT
AMC78L05
R2
R1
OUT
IN
Common
VO
VBATT
AMC431
RCL
0.1%
IO
R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com